Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-2-M Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # CNY17-2-M
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17-2-M Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button CNY17-2-M Datasheet HTML 3Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 4Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 5Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 6Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 7Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 8Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 9Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 10Page - Fairchild Semiconductor CNY17-2-M Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PHOTOTRANSISTOR OPTOCOUPLERS
CNY17-1
CNY17-3
CNY17-2
CNY17-4
White Package (-M Suffix)
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.305 (7.75)
0.425 (10.79)
Recommended Pad Layout for
Surface Mount Leadform
(White Package Only)
Package Dimensions (Surface Mount)
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.390 (9.90)
0.332 (8.43)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.320 (8.13)
0.035 (0.88)
0.006 (0.16)
0.012 (0.30)
0.008 (0.20)
0.200 (5.08)
0.115 (2.93)
0.025 (0.63)
0.020 (0.51)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
Package Dimensions (Through Hole)
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.320 (8.13)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.100 (2.54)
0.015 (0.38)
0.020 (0.50)
0.016 (0.41)
0.100 (2.54)
15°
0.012 (0.30)
Package Dimensions (0.4”Lead Spacing)
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
0.100 (2.54)
0.015 (0.38)
0.012 (0.30)
0.008 (0.21)
0.425 (10.80)
0.400 (10.16)
NOTE
All dimensions are in inches (millimeters)
DS300208
6/06/01
9 OF 11
www.fairchildsemi.com


Similar Part No. - CNY17-2-M

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-2-000E AVAGO-CNY17-2-000E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-2-060E AVAGO-CNY17-2-060E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-2-300E AVAGO-CNY17-2-300E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-2-360E AVAGO-CNY17-2-360E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-2-500E AVAGO-CNY17-2-500E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
More results

Similar Description - CNY17-2-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com