Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR1117AS25X Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR1117AS25X
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1117AS25X Datasheet(HTML) 6 Page - Leshan Radio Company

  LR1117AS25X Datasheet HTML 1Page - Leshan Radio Company LR1117AS25X Datasheet HTML 2Page - Leshan Radio Company LR1117AS25X Datasheet HTML 3Page - Leshan Radio Company LR1117AS25X Datasheet HTML 4Page - Leshan Radio Company LR1117AS25X Datasheet HTML 5Page - Leshan Radio Company LR1117AS25X Datasheet HTML 6Page - Leshan Radio Company LR1117AS25X Datasheet HTML 7Page - Leshan Radio Company LR1117AS25X Datasheet HTML 8Page - Leshan Radio Company LR1117AS25X Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Mechanical Dimensions
4-Lead SOT-223 Package
A
.071
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.181
.033
B
.025
c
.090
E
.130
.148
e
H
.264
.287
.115
.124
.033
.041
10
°
F
F
I
J
D
.248
.264
1.80
4.80
.840
.640
2.29
3.30
3.71
6.71
7.29
.012
.310
2.95
3.15
.840
1.04
10
°
10
°
16
°
K
10
°
16
°
.0008
.0040
L
.0203
.1018
10
°
16
°
M
10
°
16
°
.010
.014
N
.250
.360
6.30
6.71
A
D
e
E
c
H
A1
B
I
J
K
L
M
N
6/9
LESHAN RADIO COMPANY, LTD.
LR1117A


Similar Part No. - LR1117AS25X

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results

Similar Description - LR1117AS25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com