Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR1117A Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR1117A
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1117A Datasheet(HTML) 3 Page - Leshan Radio Company

  LR1117A Datasheet HTML 1Page - Leshan Radio Company LR1117A Datasheet HTML 2Page - Leshan Radio Company LR1117A Datasheet HTML 3Page - Leshan Radio Company LR1117A Datasheet HTML 4Page - Leshan Radio Company LR1117A Datasheet HTML 5Page - Leshan Radio Company LR1117A Datasheet HTML 6Page - Leshan Radio Company LR1117A Datasheet HTML 7Page - Leshan Radio Company LR1117A Datasheet HTML 8Page - Leshan Radio Company LR1117A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics
Operating Conditions: VIN ≤ 7V, TJ = 25°C unless otherwise specified.
The
• denotes specifications which apply over the specified operating temperature range.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation (18W). Power dissipation is determined by
input/output differential and the output current. Guaranteed maximum output power will not be available over the full input/
output voltage range.
3. LR1117A only.
4. Output current must be limited to meet the absolute maximum ratings of the part.
Parameter
Conditions
Min.
Typ.
Max.
Units
Reference Voltage3
1.5V
≤ (V
IN – VOUT) ≤ 7V,
10mA
≤ I
OUT ≤ 1A
1.225
(-2%)
1.250
1.275
(+2%)
V
Output Voltage4
10mA
≤ I
OUT ≤ 1A
LR1117A-1.8, 3.3V
≤ V
IN ≤ 8.8V
LR1117A-2.5, 4V
≤ V
IN ≤ 9.5V
LR1117A-2.85, 4.35V
≤ V
IN ≤ 9.85V
LR1117A-3.3, 4.8V
≤ V
IN ≤ 10.3V
LR1117A-5, 6.5V
≤ V
IN ≤ 12V
1.764
2.450
2.793
3.234
4.900
1.8
2.5
2.85
3.3
5.0
1.836
2.550
2.907
3.366
5.100
V
V
V
V
V
Line Regulation1,2
(VOUT + 1.5V) ≤ VIN ≤ 12V, IOUT = 10mA •
0.005
0.2
%
Load Regulation1,2
(VIN – VOUT) = 2V, 10mA ≤ IOUT ≤ 1A
0.05
0.5
%
Dropout Voltage
∆V
REF = 1%, IOUT = 1A
1.100
1.200
V
Current Limit
(VIN – VOUT) = 2V
1.1
1.5
A
Adjust Pin Current3
35
120
µA
Adjust Pin Current Change3,4
1.5V
≤ (V
IN – VOUT) ≤ 7V,
10mA
≤ I
OUT ≤ 1A
0.2
5
µA
Minimum Load Current
1.5V
≤ (V
IN – VOUT) ≤ 15V
10
mA
Quiescent Current
VIN = VOUT + 1.25V
413
mA
Ripple Rejection
f = 120Hz, COUT = 22µF Tantalum,
(VIN – VOUT) = 3V, IOUT = 1A
60
72
dB
Thermal Regulation
TA = 25°C, 30ms pulse
0.004
0.02
%/W
Temperature Stability
0.5
%
Long-Term Stability
TA = 125°C, 1000hrs.
0.03
1.0
%
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance, Junction
to Case
SOT-223
15
°C/W
TO-252, TO-220
3
°C/W
Thermal Shutdown
Junction Temperature
155
°C
Thermal Shutdown
Hysteresis
10
°C
3/9
LESHAN RADIO COMPANY, LTD.
LR1117A


Similar Part No. - LR1117A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results

Similar Description - LR1117A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com