Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNX35U Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. CNX35U
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX35U Datasheet(HTML) 5 Page - Fairchild Semiconductor

  CNX35U Datasheet HTML 1Page - Fairchild Semiconductor CNX35U Datasheet HTML 2Page - Fairchild Semiconductor CNX35U Datasheet HTML 3Page - Fairchild Semiconductor CNX35U Datasheet HTML 4Page - Fairchild Semiconductor CNX35U Datasheet HTML 5Page - Fairchild Semiconductor CNX35U Datasheet HTML 6Page - Fairchild Semiconductor CNX35U Datasheet HTML 7Page - Fairchild Semiconductor CNX35U Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fig. 7 CTR vs. RBE (Saturated)
Fig. 8 Normalized ton vs. RBE
Fig. 9 Normalized toff vs. RBE
Fig. 10 Switching Speed vs. Load Resistor
R
BE - BASE RESISTANCE (k Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
F = 20mA
I
F = 10mA
I
F = 5mA
V
CE = 0.3V
R
BE - BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
CC = 10V
I
C = 2mA
R
L = 100
R
BE - BASE RESISTANCE (k Ω)
10
100
1000
10000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
V
CC = 10V
I
C = 2mA
R
L = 100
NORMALIZED TO t
off AT RBE = OPEN
R
L - LOAD RESISTOR (k Ω)
0.1
1
10
100
0.1
1
10
100
1000
V
CC = 10V
I
C = 2mA
R
L = 100Ω
T
off
T
f
T
on
T
r
Fig. 11 Collector-Emitter Saturation Voltage
as a Function of Collector Current
I
C - (mA)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
I
B = 0; T A = 25
oC
I
F = 2.5mA
I
F = 10mA
I
F = 5mA
I
F = 20mA
DS300401
5/23/01
5 OF 8
www.fairchildsemi.com
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
CNX35U CNX36U CNX38U
CNX39U


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MOC8204 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
SL5500 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111M GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82A 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  Fairchild Semiconductor
MOC215 SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC8111 PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn