Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNX35U Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. CNX35U
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX35U Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CNX35U Datasheet HTML 1Page - Fairchild Semiconductor CNX35U Datasheet HTML 2Page - Fairchild Semiconductor CNX35U Datasheet HTML 3Page - Fairchild Semiconductor CNX35U Datasheet HTML 4Page - Fairchild Semiconductor CNX35U Datasheet HTML 5Page - Fairchild Semiconductor CNX35U Datasheet HTML 6Page - Fairchild Semiconductor CNX35U Datasheet HTML 7Page - Fairchild Semiconductor CNX35U Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
CNX35U
40
160
IF = 10 mA, VCE = 0.4 V
CNX39U
60
100
Output/Input Current Transfer Ratio
CNX36U
80
200
I
F = 10 mA, VCE = 10 V
CTR
CNX38U
70
210
%
I
F = 16 mA, VCE = 0.4 V
50
I
F = 2 mA, VCE = 5 V
All
15
IF = 10 mA, IC = 2 mA
CNX35U, CNX39U
0.15
0.4
Collector-Emitter Saturation Voltage
I
F = 10 mA, IC = 4 mA
VCE(SAT)
CNX36U
0.19
0.4
V
I
F = 16 mA, IC = 2 mA
CNX38U
0.2
0.4
AC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
Non-Saturated Switching Times
CNX35U
20
Turn-On Time
RL = 100 Ω, IC = 2 mA, VCC = 5 V
ton
CNX39U
20
µs
See Fig. 1 and Fig. 2
CNX36U
20
RL = 100 Ω, IC = 4 mA, VCC = 5 V
CNX38U
20
CNX35U
20
Turn-Off Time
RL = 100 Ω, IC = 2 mA, VCC = 5 V
toff
CNX39U
20
µs
See Fig. 1 and Fig. 2
CNX36U
20
RL = 100 Ω, IC = 4 mA, VCC = 5 V
CNX38U
20
Saturated Switching Times
CNX35U
50
Turn-On Time
RL = 1 kΩ, IC = 2 mA, VCC = 5 V
ton
CNX39U
50
µs
See Fig. 1 and Fig. 2
CNX36U
50
RL = 1 kΩ, IC = 4 mA, VCC = 5 V
CNX38U
50
CNX35U
50
Turn-Off Time
RL = 1 kΩ, IC = 2 mA, VCC = 5 V
toff
CNX39U
50
µs
See Fig. 1 and Fig. 2
CNX36U
50
RL = 1 kΩ, IC = 4 mA, VCC = 5 V
CNX38U
50
TRANSFER CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
DS300401
5/23/01
3 OF 8
www.fairchildsemi.com
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
CNX35U CNX36U CNX38U
CNX39U


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MOC8204 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
SL5500 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111M GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82A 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  Fairchild Semiconductor
MOC215 SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC8111 PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn