Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4538BCWM Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # CD4538BCWM
Description  Dual Precision Monostable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4538BCWM Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button CD4538BCWM Datasheet HTML 3Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 4Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 5Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 6Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 7Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 8Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 9Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 10Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
RX = RX′ = 100 kΩ
CX = CX′ = 100 pF
C1 = C2 = 0.1 µF
Duty Cycle
= 50%
FIGURE 14. Power Dissipation Test
Circuit and Waveforms


Similar Part No. - CD4538BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4538BCWM FAIRCHILD-CD4538BCWM Datasheet
139Kb / 11P
   Dual Precision Monostable
More results

Similar Description - CD4538BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC_02 Datasheet
139Kb / 11P
   Dual Precision Monostable
logo
National Semiconductor ...
CD4538BC NSC-CD4538BC Datasheet
237Kb / 10P
   Dual Precision Monostable
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com