Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4094BCN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # CD4094BCN
Description  8-Bit Shift Register/Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4094BCN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CD4094BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4094BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4094BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4094BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4094BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4094BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4094BCN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005983.prf
www.fairchildsemi.com
CD4094BC
8-Bit Shift Register/Latch with 3-STATE Outputs
General Description
The CD4094BC consists of an 8-bit shift register and a 3-
STATE 8-bit latch. Data is shifted serially through the shift
register on the positive transition of the clock. The output of
the last stage (QS) can be used to cascade several
devices. Data on the QS output is transferred to a second
output, Q
S, on the following negative clock edge.
The output of each stage of the shift register feeds a latch,
which latches data on the negative edge of the STROBE
input. When STROBE is HIGH, data propagates through
the latch to 3-STATE output gates. These gates are
enabled when OUTPUT ENABLE is taken HIGH.
Features
s Wide supply voltage range:
3.0V to 18V
s High noise immunity: 0.45 VDD (typ.)
s Low power TTL compatibility:
Fan out of 2 driving 74L or 1 driving 74LS
s 3-STATE outputs
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Top View
Truth Table
X
= Don't Care
 = HIGH-to-LOW
 = LOW-to-HIGH
Note 1: At the positive clock edge, information in the 7th shift register stage is transferred to Q8 and QS.
Order Number
Package Number
Package Description
CD4094BCWM
M16B
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
CD4094BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Clock
Output
Strobe
Data
Parallel Outputs
Serial Outputs
Enable
Q1
QN
QS
(Note 1)
Q
Σ

0
X
X
Hi-Z
Hi-Z
Q7
No Change

0
X
X
Hi-Z
Hi-Z
No Change
Q7

1
0
X
No Change No Change
Q7
No Change

11
0
0
QN−1
Q7
No Change

11
1
1
QN−1
Q7
No Change

1
1
1
No Change No Change No Change
Q7


Similar Part No. - CD4094BCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD4094BCN ETC2-CD4094BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD4094BCN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC595 HITACHI-HD74HC595 Datasheet
57Kb / 10P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC7MH595FK TOSHIBA-TC7MH595FK_07 Datasheet
203Kb / 9P
   8-Bit Shift Register/Latch (3-State)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com