Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR78L05 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR78L05
Description  Series3-Terminal 0.15A Positive Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78L05 Datasheet(HTML) 6 Page - Leshan Radio Company

  LR78L05 Datasheet HTML 1Page - Leshan Radio Company LR78L05 Datasheet HTML 2Page - Leshan Radio Company LR78L05 Datasheet HTML 3Page - Leshan Radio Company LR78L05 Datasheet HTML 4Page - Leshan Radio Company LR78L05 Datasheet HTML 5Page - Leshan Radio Company LR78L05 Datasheet HTML 6Page - Leshan Radio Company LR78L05 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
D
b
D1
e
e1
TO-92 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
b
c
D
D1
E
e
e1
Ö
Min
3.300
1.100
0.380
0.360
4.400
3.430
4.300
2.440
14.100
0.000
Max
3.700
1.400
0.550
0.510
4.700
4.700
2.640
14.500
1.600
0.380
Min
0.130
0.043
0.015
0.014
0.173
0.135
0.169
0.096
0.555
0.000
Max
0.146
0.055
0.022
0.020
0.185
0.185
0.104
0.571
0.063
0.015
Dimensions In Millimeters
Dimensions In Inches
0.050TYP
1.270TYP
LRC
LESHAN RADIO COMPANY,LTD.
1000 Units/ Bag
SHIPPING INFORMATION
10 Bag/ Box(240mm*170mm*96mm)
2000 Units/ Box
1. Bag:
2. Tape:
4 Box/ Chest(365mm*270mm*210mm)
10 Box/ Chest
6/7
MARKING
L78LXX
YYWW
Ver 1.2 Sep 2011


Similar Part No. - LR78L05

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR78L05A LRC-LR78L05A Datasheet
806Kb / 6P
   Series3-Terminal 0.1A Positive Voltage Regulators
LR78L05B LRC-LR78L05B Datasheet
806Kb / 6P
   Series3-Terminal 0.1A Positive Voltage Regulators
More results

Similar Description - LR78L05

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR78L05A LRC-LR78L05A Datasheet
806Kb / 6P
   Series3-Terminal 0.1A Positive Voltage Regulators
logo
Guangdong Youtai Semico...
78L09-150 UMW-78L09-150 Datasheet
3Mb / 12P
   3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L05-150 UMW-78L05-150 Datasheet
3Mb / 12P
   3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L12 UMW-78L12 Datasheet
3Mb / 12P
   3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L06-150 UMW-78L06-150 Datasheet
3Mb / 12P
   3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
78L08-150 UMW-78L08-150 Datasheet
3Mb / 12P
   3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
logo
Leshan Radio Company
LR78L00 LRC-LR78L00 Datasheet
76Kb / 6P
   LR78L00 Series3-Terminal 0.1A Positive Voltage Regulators
LR7800 LRC-LR7800 Datasheet
178Kb / 7P
   LR7800 Series3-Terminal 1A Positive Voltage Regulators
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com