Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD4094BC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. CD4094BC
Description  8-Bit Shift Register/Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

CD4094BC Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
TA = 25°C, CL = 50 pF
Note 5: AC Parameters are guaranteed by DC correlated testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay
VDD = 5.0V
300
600
ns
Clock to QS
VDD = 10V
125
250
ns
VDD = 15V
95
190
ns
tPHL, tPLH
Propagation Delay
VDD = 5.0V
230
460
ns
Clock to Q
Σ
VDD = 10V
110
220
ns
VDD = 15V
75
150
ns
tPHL, tPLH
Propagation Delay Clock
VDD = 5.0V
420
840
ns
to Parallel Out
VDD = 10V
195
390
ns
VDD = 15V
135
270
ns
tPHL, tPLH
Propagation Delay Strobe
VDD = 5.0V
290
580
ns
to Parallel Out
VDD = 10V
145
290
ns
VDD = 15V
100
200
ns
tPHZ
Propagation Delay HIGH
VDD = 5.0V
140
280
ns
Level to HIGH Impedance
VDD = 10V
75
150
ns
VDD = 15V
55
110
ns
tPLZ
Propagation Delay LOW
VDD = 5.0V
140
280
ns
Level to HIGH Impedance
VDD = 10V
75
150
ns
VDD = 15V
55
110
ns
tPZH
Propagation Delay HIGH
VDD = 5.0V
140
280
ns
Impedance to HIGH Level
VDD = 10V
75
150
ns
VDD = 15V
55
110
ns
tPZL
Propagation Delay HIGH
VDD = 5.0V
140
280
ns
Impedance to LOW Level
VDD = 10V
75
150
ns
VDD = 15V
55
110
ns
tTHL, tTLH
Transition Time
VDD = 5.0V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tSU
Set-Up Time
VDD = 5.0V
80
40
ns
Data to Clock
VDD = 10V
40
20
ns
VDD = 15V
20
10
ns
tr, tf
Maximum Clock Rise
VDD = 5.0V
1
ms
and Fall Time
VDD = 10V
1
ms
VDD = 15V
1
ms
tPC
Minimum Clock
VDD = 5.0V
200
100
ns
Pulse Width
VDD = 10V
100
50
ns
VDD = 15V
83
40
ns
tPS
Minimum Strobe
VDD = 5.0V
200
100
ns
Pulse Width
VDD = 10V
80
40
ns
VDD = 15V
70
35
ns
fmax
Maximum Clock Frequency
VDD = 5.0V
1.5
3.0
MHz
VDD = 10V
3.0
6.0
MHz
VDD = 15V
4.0
8.0
MHz
CIN
Input Capacitance
Any Input
5.0
7.5
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn