Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4066BCSJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # CD4066BCSJ
Description  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4066BCSJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CD4066BCSJ Datasheet HTML 1Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 2Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 3Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 4Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 5Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 6Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 7Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 8Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2000 Fairchild Semiconductor Corporation
DS005665
www.fairchildsemi.com
November 1983
Revised August 2000
CD4066BC
Quad Bilateral Switch
General Description
The CD4066BC is a quad bilateral switch intended for the
transmission or multiplexing of analog or digital signals. It is
pin-for-pin compatible with CD4016BC, but has a much
lower “ON” resistance, and “ON” resistance is relatively
constant over the input-signal range.
Features
s Wide supply voltage range
3V to 15V
s High noise immunity 0.45 VDD (typ.)
s Wide range of digital and
±7.5 V
PEAK
analog switching
s “ON” resistance for 15V operation 80
s Matched “ON” resistance
∆R
ON = 5Ω (typ.)
over 15V signal input
s “ON” resistance flat over peak-to-peak signal range
s High “ON”/“OFF” 65 dB (typ.)
output voltage ratio
@ fis = 10 kHz, RL = 10 kΩ
s High degree linearity 0.1% distortion (typ.)
High degree linearity
@ fis = 1 kHz, Vis = 5Vp-p,
High degree linearity
VDD−VSS = 10V, RL = 10 kΩ
s Extremely low “OFF” 0.1 nA (typ.)
switch leakage:
@ VDD−VSS = 10V, TA = 25°C
s Extremely high control input impedance 1012
Ω(typ.)
s Low crosstalk
−50 dB (typ.)
between switches
@ fis = 0.9 MHz, RL = 1 kΩ
s Frequency response, switch “ON” 40 MHz (typ.)
Applications
• Analog signal switching/multiplexing
• Signal gating
• Squelch control
• Chopper
• Modulator/Demodulator
• Commutating switch
• Digital signal switching/multiplexing
• CMOS logic implementation
• Analog-to-digital/digital-to-analog conversion
• Digital control of frequency, impedance, phase, and
analog-signal-gain
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Schematic Diagram
Order Number
Package Number
Package Description
CD4066BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
CD4066BCSJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4066BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - CD4066BCSJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4066BCSJ FAIRCHILD-CD4066BCSJ Datasheet
114Kb / 9P
   Quad Bilateral Switch
More results

Similar Description - CD4066BCSJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com