Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD4051BC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. CD4051BC
Description  Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4051BC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button CD4051BC Datasheet HTML 2Page - Fairchild Semiconductor CD4051BC Datasheet HTML 3Page - Fairchild Semiconductor CD4051BC Datasheet HTML 4Page - Fairchild Semiconductor CD4051BC Datasheet HTML 5Page - Fairchild Semiconductor CD4051BC Datasheet HTML 6Page - Fairchild Semiconductor CD4051BC Datasheet HTML 7Page - Fairchild Semiconductor CD4051BC Datasheet HTML 8Page - Fairchild Semiconductor CD4051BC Datasheet HTML 9Page - Fairchild Semiconductor CD4051BC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.fairchildsemi.com
6
DC Electrical Characteristics (Continued)
Note 2: All voltages measured with respect to VSS unless otherwise specified.
Symbol
Parameter
Conditions
−40°C
+25°+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
VIL
LOW Level Input Voltage
VEE = VSS RL = 1 kΩ to VSS
IIS<2 µA on all OFF Channels
VIS = VDD thru 1 kΩ
VDD = 5V
1.5
1.5
1.5
V
VDD = 10V
3.0
3.0
3.0
V
VDD = 15V
4.0
4.0
4.0
V
VIH
HIGH Level Input Voltage
VDD = 5
3.5
3.5
3.5
V
VDD = 10
7
7
7
V
VDD = 15
11
11
11
V
IIN
Input Current
VDD = 15V,
VEE = 0V
−0.1
−10−5
−0.1
−1.0
µA
VIN = 0V
VDD = 15V,
VEE = 0V
0.1
10−5
0.1
1.0
µA
VIN = 15V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn