Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMSD103AT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMSD103AT1G
Description  SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMSD103AT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMSD103AT1G Datasheet HTML 1Page - Leshan Radio Company LMSD103AT1G Datasheet HTML 2Page - Leshan Radio Company LMSD103AT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER SWITCHING DIODE
Features
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
Negligible Reverse Recovery Time
·
Low Reverse Capacitance
·
Also Available in Lead Free Version
·
Case: SOD-123, Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Polarity: Cathode Band
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Also Available in Lead Free Plating
(Matte Tin Finish). Please See
Ordering Information, Note 4, on Page 2
·
·
Type Codes:
LMSD103AT1G
S4
LMSD103BT1G
S5
LMSD103CT1G
S6
·
Weight: 0.01 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
2. Short duration test pulse used to minimize self-heating effect.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note 1)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current
@ t
£ 1.0s
IFSM
1.5
A
Power Dissipation (Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
LMSD103AT1G
LMSD103BT1G
LMSD103CT1G
V(BR)R
40
30
20
¾¾
V
IR = 100
mA
Forward Voltage Drop (Note 2)
VFM
¾¾
0.37
0.60
V
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 2)
LMSD103AT1G
LMSD103BT1G
LMSD103CT1G
IRM
¾¾
5.0
mA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
¾
28
¾
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
10
¾
ns
IF = IR = 200mA,
Irr = 0.1 x IR,RL = 100
W
SOD-123
1
2
Equivalent Circuit Diagram
1
2
Cathode
Anode
LMSD103*T1G
Marking: Type Code only or Date Code and
Type Code
LMSD103AT1G
LMSD103CT1G
LMSD103BT1G
LESHAN RADIO COMPANY, LTD.
Rev.O 1/3


Similar Part No. - LMSD103AT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G_15 Datasheet
145Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
More results

Similar Description - LMSD103AT1G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR130LSF MCC-MBR130LSF Datasheet
339Kb / 3P
   Low Forward Voltage Drop Schottky Barrier Diodes
MBR130LSF MCC-MBR130LSF_12 Datasheet
356Kb / 3P
   Low Forward Voltage Drop Schottky Barrier Diodes
MBR140LSF MCC-MBR140LSF Datasheet
331Kb / 2P
   Low Forward Voltage Drop Schottky Barrier Diodes
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com