Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBTA43LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBTA43LT1G
Description  HighVoltageTransistors RoHS requirements.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA43LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBTA43LT1G Datasheet HTML 1Page - Leshan Radio Company LMBTA43LT1G Datasheet HTML 2Page - Leshan Radio Company LMBTA43LT1G Datasheet HTML 3Page - Leshan Radio Company LMBTA43LT1G Datasheet HTML 4Page - Leshan Radio Company LMBTA43LT1G Datasheet HTML 5Page - Leshan Radio Company LMBTA43LT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
1
LMBTA42LT1G
LMBTA43LT1G
SOT–23
High Voltage Transistors
MAXIMUM RATINGS
Rating
Symbol
LMBTA42 LMBTA43
Unit
Collector–Emitter Voltage
V CEO
300
200
Vdc
Collector–Base Voltage
V CBO
300
200
Vdc
Emitter–Base Voltage
V EBO
6.0
6.0
Vdc
Collector Current — Continuous
I C
50
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(3)
V (BR)CEO
Vdc
(I C = 1.0 mAdc, I B = 0)
LMBTA42
300
LMBTA43
200
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C= 100
µAdc, I E= 0)
LMBTA42
300
LMBTA43
200
Emitter–Base Breakdown Voltage
V (BR)EBO
6.0
Vdc
(I E= 100
µAdc, I C= 0)
Collector Cutoff Current
I CBO
µAdc
( V CB= 200Vdc, I E= 0)
LMBTA42
0.1
( V CB= 160Vdc, I E= 0)
LMBTA43
0.1
Emitter Cutoff Current
I EBO
µAdc
( V EB= 6.0Vdc, I C= 0)
LMBTA42
0.1
( V EB= 4.0Vdc, I C= 0)
LMBTA43
0.1
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.
Value
2
EMITTER
3
COLLECTOR
1
BASE
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
LMBTA42LT1G
1D
SOT-23
3000/Tape&Reel
LMBTA42LT3G
1D
SOT-23
10000/Tape&Reel
LMBTA43LT1G
M1E
SOT-23
3000/Tape&Reel
LMBTA43LT3G
M1E
SOT-23
10000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
2
3
Rev.O 1/6


Similar Part No. - LMBTA43LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA43LT1G LRC-LMBTA43LT1G Datasheet
81Kb / 4P
   HighVoltageTransistors
logo
Shanghai Leiditech Elec...
LMBTA43LT1G LEIDITECH-LMBTA43LT1G Datasheet
498Kb / 4P
   HighVoltageTransistors
More results

Similar Description - LMBTA43LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA42LT1G LRC-LMBTA42LT1G_15 Datasheet
395Kb / 4P
   HighVoltageTransistors
LMBTA42LT1 LRC-LMBTA42LT1 Datasheet
81Kb / 4P
   HighVoltageTransistors
logo
First Silicon Co., Ltd
MMBTA42 FS-MMBTA42 Datasheet
203Kb / 4P
   HighVoltageTransistors
logo
Shanghai Leiditech Elec...
LMBTA42LT1G LEIDITECH-LMBTA42LT1G Datasheet
498Kb / 4P
   HighVoltageTransistors
logo
Bothhand USA, LP.
PG4P219RBNY-LF BOTHHAND-PG4P219RBNY-LF Datasheet
769Kb / 2P
   Compliance with ROHS requirements.
PGH5610S-LF BOTHHAND-PGH5610S-LF Datasheet
388Kb / 2P
   Complying with ROHS requirements.
20PT1024SX-LF BOTHHAND-20PT1024SX-LF Datasheet
92Kb / 2P
   Compliance with ROHS requirements
G4P209N-1-LF BOTHHAND-G4P209N-1-LF Datasheet
820Kb / 2P
   Compliance with ROHS requirements
G2PM109N1-LF BOTHHAND-G2PM109N1-LF Datasheet
316Kb / 2P
   Compliance with ROHS requirements
G2PM109RNM-LF BOTHHAND-G2PM109RNM-LF Datasheet
308Kb / 2P
   Compliance with ROHS requirements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com