Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4040BCM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # CD4040BCM
Description  14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4040BCM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  CD4040BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4040BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4040BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4040BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4040BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4040BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4040BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4040BCM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 4)
CD4020BC, CD4040BC TA = 25°C, CL = 50 pF, RL = 200k, tr = tf = 20 ns, unless otherwise noted
Note 4: AC Parameters are guaranteed by DC correlated testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL1, tPLH1
Propagation Delay Time to Q1
VDD = 5V
250
550
ns
VDD = 10V
100
210
VDD = 15V
75
150
tPHL, tPLH
Interstage Propagation Delay Time
VDD = 5V
150
330
ns
from Qn to Qn+1
VDD = 10V
60
125
VDD = 15V
45
90
tTHL, tTLH
Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
tWL, tWH
Minimum Clock Pulse Width
VDD = 5V
125
335
ns
VDD = 10V
50
125
VDD = 15V
40
100
trCL, tfCL
Maximum Clock Rise and Fall Time
VDD = 5V
No Limit
ns
VDD = 10V
No Limit
VDD = 15V
No Limit
fCL
Maximum Clock Frequency
VDD = 5V
1.5
4
MHz
VDD = 10V
4
10
VDD = 15V
5
12
tPHL(R)
Reset Propagation Delay
VDD = 5V
200
450
ns
VDD = 10V
100
210
VDD = 15V
80
170
tWH(R)
Minimum Reset Pulse Width
VDD = 5V
200
450
ns
VDD = 10V
100
210
VDD = 15V
80
170
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacitance
50
pF


Similar Part No. - CD4040BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4040BC NSC-CD4040BC Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
CD4040BC NSC-CD4040BC Datasheet
136Kb / 6P
   14-Stage Ripple Carry Binary Counters
CD4040BCJ NSC-CD4040BCJ Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
CD4040BCN NSC-CD4040BCN Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
logo
List of Unclassifed Man...
CD4040BCN ETC2-CD4040BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD4040BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4060BC NSC-CD4060BC Datasheet
136Kb / 6P
   14-Stage Ripple Carry Binary Counters
CD4020BM NSC-CD4020BM Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
   12-Stage Ripple Carry Binary Counter
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
   14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
TC74VHC4040F TOSHIBA-TC74VHC4040F Datasheet
248Kb / 7P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
TC74VHC4040F TOSHIBA-TC74VHC4040F_12 Datasheet
228Kb / 10P
   12-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com