Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT2222 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT2222
Description  General Purpose Transistors NPN Silicon RoHS requirements.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2222 Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT2222 Datasheet HTML 1Page - Leshan Radio Company LMBT2222 Datasheet HTML 2Page - Leshan Radio Company LMBT2222 Datasheet HTML 3Page - Leshan Radio Company LMBT2222 Datasheet HTML 4Page - Leshan Radio Company LMBT2222 Datasheet HTML 5Page - Leshan Radio Company LMBT2222 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
1/6
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
2222
2222A
Unit
Collector–Emitter Voltage
V CEO
30
40
Vdc
Collector–Base Voltage
V CBO
60
75
Vdc
Emitter–Base Voltage
V EBO
5.0
6.0
Vdc
Collector Current — Continuous
I C
600
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P
D
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
LMBT2222LT1G = M1B; LMBT2222ALT1G = 1P
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
LMBT2222
V (BR)CEO
30
Vdc
(I C = 10 mAdc, I B = 0)
LMBT2222A
40
––
Collector–Base Breakdown Voltage
LMBT2222
V (BR)CBO
60
Vdc
(I C = 10
µAdc, I
E = 0)
LMBT2222A
75
Emitter–Base Breakdown Voltage
LMBT2222
V (BR)EBO
5.0
Vdc
(I E = 10
µAdc, I
C = 0)
LMBT2222A
6.0
––
Collector Cutoff Current
LMBT2222A
I CEX
10
nAdc
( V CE = 60 Vdc, I EB(off) = 3.0Vdc)
Collector Cutoff Current
I CBO
µAdc
(V CB = 50 Vdc, I E = 0)
LMBT2222
––
0.01
(V CB = 60 Vdc, I E = 0)
LMBT2222A
––
0.01
(V CB = 50 Vdc, I E = 0, T A = 125°C)
LMBT2222
––
10
(V CB = 60 Vdc, I E = 0, T A = 125°C)
LMBT2222A
––
10
Emitter Cutoff Current
(V EB = 3.0 Vdc, I C = 0)
LMBT2222A
I EBO
100
nAdc
Base Cutoff Current
(V CE = 60 Vdc, V EB(off) = 3.0 Vdc)
LMBT2222A
I BL
20
nAdc
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
1
3
2
LMBT2222LT1G
LMBT2222ALT1G
2
EMITTER
3
COLLECTOR
1
BASE
SOT– 23
Device
Marking
Shipping
LMBT2222LT1G
M1B
3000/Tape & Reel
LMBT2222LT3G
M1B
10000/Tape & Reel
ORDERING INFORMATION
LMBT2222ALT1G
1P
3000/Tape & Reel
LMBT2222ALT3G
1P
10000/Tape & Reel
compliance with RoHS requirements.
We declare that the material of product


Similar Part No. - LMBT2222

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G Datasheet
139Kb / 6P
   Dual General Purpose Transistors
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_15 Datasheet
255Kb / 7P
   Dual General Purpose Transistors
LMBT2222ADW1T3G LRC-LMBT2222ADW1T3G Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
More results

Similar Description - LMBT2222

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LBC817-25WT1G LRC-LBC817-25WT1G Datasheet
165Kb / 3P
   General Purpose Transistors RoHS requirements.
LMBT6427LT1G LRC-LMBT6427LT1G_11 Datasheet
231Kb / 6P
   Darlington Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT6517LT1G LRC-LMBT6517LT1G_11 Datasheet
247Kb / 6P
   High Voltage Transistors NPN Silicon RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com