Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBR2080CTG Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBR2080CTG
Description  SWITCHMODE Power Rectifiers Guard?뭃ing for Stress Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR2080CTG Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBR2080CTG Datasheet HTML 1Page - Leshan Radio Company LMBR2080CTG Datasheet HTML 2Page - Leshan Radio Company LMBR2080CTG Datasheet HTML 3Page - Leshan Radio Company LMBR2080CTG Datasheet HTML 4Page - Leshan Radio Company LMBR2080CTG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SWITCHMODE™
Power Rectifiers
This series uses the Schottky Barrier principle with a platinum
barrier metal. These state−of−the−art devices have the following
features:
Features
20 A Total (10 A Per Diode Leg)
Guard−Ring for Stress Protection
Low Forward Voltage
150°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Low Power Loss/High Efficiency
High Surge Capacity
Low Stored Charge Majority Carrier Conduction
Shipped 50 units per plastic tube
Pb−Free Packages are Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 grams (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
TO−220AB
CASE 221A
PLASTIC
3
4
1
SCHOTTKY BARRIER
RECTIFIERS
20 AMPERES
40−150 VOLTS
1
3
2, 4
2
MARKING DIAGRAM
AY WW
B20x0G
AKA
A
= Assembly Location
Y
= Year
WW
= Work Week
B20x0 = Device Code
x
= 6, 8, 9 or 10
G
= Pb−Free Device
AKA
= Polarity Designator
LMBR2040CTG, LMBR2045CTG
LMBR2060CTG, LMBR2080CTG
1/5
LMBR2090CTG, LMBR20100CTG
LMBR20150CTG


Similar Part No. - LMBR2080CTG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
More results

Similar Description - LMBR2080CTG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3050BEP PHILIPS-PMEG3050BEP Datasheet
265Kb / 13P
   Planar MEGA Schottky barrier rectifier with an integrated guard ring for stress protection
Rev. 01-28 October 2009
logo
Leshan Radio Company
LMBR120ESFT1G LRC-LMBR120ESFT1G Datasheet
332Kb / 5P
   Surface Mount Schottky Power Rectifier Guardring for Stress Protection
logo
SHIKUES Electronics
MBR130 SKTECHNOLGY-MBR130 Datasheet
2Mb / 4P
   Guardring for stress protection, Low forward voltage
logo
Leshan Radio Company
LMBR120LSFT1G LRC-LMBR120LSFT1G Datasheet
329Kb / 5P
   Surface Mount Schottky Power Rectifier Guardring for Stress Protection
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com