Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT2222ADW1T1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBT2222ADW1T1G
Description  Dual General Purpose Transistors NPN Silicon ROHS requirements.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2222ADW1T1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBT2222ADW1T1G_12 Datasheet HTML 1Page - Leshan Radio Company LMBT2222ADW1T1G_12 Datasheet HTML 2Page - Leshan Radio Company LMBT2222ADW1T1G_12 Datasheet HTML 3Page - Leshan Radio Company LMBT2222ADW1T1G_12 Datasheet HTML 4Page - Leshan Radio Company LMBT2222ADW1T1G_12 Datasheet HTML 5Page - Leshan Radio Company LMBT2222ADW1T1G_12 Datasheet HTML 6Page - Leshan Radio Company LMBT2222ADW1T1G_12 Datasheet HTML 7Page - Leshan Radio Company LMBT2222ADW1T1G_12 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 5. Frequency Effects
f, FREQUENCY (kHz)
4.0
6.0
8.0
10
2.0
0.1
Figure 6. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
1.0 2.0
5.0 10 20
50
0.2
0.5
0
100
0.01 0.02 0.05
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
IC = 1.0 mA, RS = 150 Ω
500 µA, RS = 200 Ω
100 µA, RS = 2.0 kΩ
50 µA, RS = 4.0 kΩ
f = 1.0 kHz
IC = 50 µA
100 µA
500 µA
1.0 mA
4.0
6.0
8.0
10
2.0
0
50 100 200
500 1.0 k 2.0 k 5.0 k 10 k 20 k
50 k 100 k
Figure 7. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0 5.0 7.0 10
20 30
50
0.2 0.3 0.5 0.7
Ccb
20
30
Ceb
Figure 8. Current–Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
VCE = 20 V
TJ = 25°C
Figure 9. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
Figure 10. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
-0.5
0
+0.5
-1.0
-1.5
-2.5
RqVC for VCE(sat)
RqVB for VBE
0.1
1.0 2.0
5.0 10 20
50
0.2
0.5
100 200 500 1.0 k
1.0 V
-2.0
0.1
1.0 2.0
5.0 10 20
50
0.2
0.5
100 200 500
5/6
LMBT2222ADW1T1G
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LMBT2222ADW1T1G_12

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_15 Datasheet
255Kb / 7P
   Dual General Purpose Transistors
More results

Similar Description - LMBT2222ADW1T1G_12

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222LT1G LRC-LMBT2222LT1G Datasheet
243Kb / 6P
   General Purpose Transistors NPN Silicon RoHS requirements.
LBC817-25WT1G LRC-LBC817-25WT1G Datasheet
165Kb / 3P
   General Purpose Transistors RoHS requirements.
LMBT6427LT1G LRC-LMBT6427LT1G_11 Datasheet
231Kb / 6P
   Darlington Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT6517LT1G LRC-LMBT6517LT1G_11 Datasheet
247Kb / 6P
   High Voltage Transistors NPN Silicon RoHS requirements.
LMBTA06UT1G LRC-LMBTA06UT1G Datasheet
143Kb / 3P
   Dual Driver Transistors NPN/PNP Duals RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
logo
Cystech Electonics Corp...
HBN3904S6R CYSTEKEC-HBN3904S6R_17 Datasheet
327Kb / 7P
   Dual General Purpose NPN Transistors
logo
SeCoS Halbleitertechnol...
UMX1N SECOS-UMX1N Datasheet
485Kb / 3P
   Dual NPN General Purpose Transistors
logo
Leshan Radio Company
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com