Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4011BCMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CD4011BCMX
Description  Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4011BCMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CD4011BCMX Datasheet HTML 1Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 2Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 3Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 4Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 5Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 6Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 7Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 8Page - Fairchild Semiconductor CD4011BCMX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Schematic Diagrams
CD4001BC
1/
4 of device shown
J
= A + B
Logical “1”
= HIGH
Logical “0”
= LOW
All inputs protected by standard
CMOS protection circuit.
CD4011BC
1/
4 of device shown
J
= A • B
Logical “1”
= HIGH
Logical “0”
= LOW
All inputs protected by standard
CMOS protection circuit.


Similar Part No. - CD4011BCMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4011BC NSC-CD4011BC Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4011BC NSC-CD4011BC Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
CD4011BCJ NSC-CD4011BCJ Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4011BCN NSC-CD4011BCN Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
logo
List of Unclassifed Man...
CD4011BCN ETC2-CD4011BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD4011BCMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001BM NSC-CD4001BM Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4011BC NSC-CD4011BC Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B Datasheet
168Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B_15 Datasheet
205Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com