Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4001BCNX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # CD4001BCNX
Description  Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4001BCNX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CD4001BCNX Datasheet HTML 1Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 2Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 3Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 4Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 5Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 6Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 7Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 8Page - Fairchild Semiconductor CD4001BCNX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005939
www.fairchildsemi.com
October 1987
Revised March 2002
CD4001BC/CD4011BC
Quad 2-Input NOR Buffered B Series Gate •
Quad 2-Input NAND Buffered B Series Gate
General Description
The CD4001BC and CD4011BC quad gates are monolithic
complementary MOS (CMOS) integrated circuits con-
structed with N- and P-channel enhancement mode tran-
sistors.
They
have
equal
source
and
sink
current
capabilities and conform to standard B series output drive.
The devices also have buffered outputs which improve
transfer characteristics by providing very high gain.
All inputs are protected against static discharge with diodes
to VDD and VSS.
Features
s Low power TTL:
Fan out of 2 driving 74L compatibility:
or 1 driving 74LS
s 5V–10V–15V parametric ratings
s Symmetrical output characteristics
s Maximum input leakage 1
µA at 15V over full
temperature range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP, SOIC and SOP
CD4001BC
Top View
Pin Assignments for DIP and SOIC
CD4011BC
Top View
Order Number
Package Number
Package Description
CD4001BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4001BCSJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4001BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
CD4011BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4011BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - CD4001BCNX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001BCN NSC-CD4001BCN Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
logo
List of Unclassifed Man...
CD4001BCN ETC2-CD4001BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD4001BCNX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001BM NSC-CD4001BM Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4011BC NSC-CD4011BC Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B Datasheet
168Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B_15 Datasheet
205Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com