Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1430GEU6-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP1430GEU6-HF
Description  Simple Gate Drive, Small Package Outline, Embedded Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1430GEU6-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP1430GEU6-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1430GEU6-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1430GEU6-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1430GEU6-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP1430GEU6-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain Current
v.s. Ambient Temperature
4
0
2
4
6
8
10
0
0.4
0.8
1.2
1.6
2
2.4
Q G , Total Gate Charge (nC)
I D =0.3A
V DS =30V
0
10
20
30
40
50
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.01
0.1
1
10
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 800℃/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0
0.1
0.2
0.3
0.4
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
Operation in this area
limited by RDS(ON)
0
0.2
0.4
0.6
0.8
01
234
56
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
T j =-40
o C


Similar Part No. - AP1430GEU6-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1430GEU6-HF A-POWER-AP1430GEU6-HF_14 Datasheet
67Kb / 4P
   Simple Gate Drive
AP1430GEU6-HF A-POWER-AP1430GEU6-HF_16 Datasheet
68Kb / 5P
   Embedded Protection Diode
More results

Similar Description - AP1430GEU6-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1333GU A-POWER-AP1333GU_11 Datasheet
98Kb / 4P
   Simple Gate Drive, Small Package Outline
AP2317GN-HF A-POWER-AP2317GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309AGN-HF A-POWER-AP2309AGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309GN-HF A-POWER-AP2309GN-HF Datasheet
113Kb / 5P
   Simple Drive Requirement, Small Package Outline
AP9451GG A-POWER-AP9451GG Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2305GN-HF A-POWER-AP2305GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF Datasheet
62Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2304AGN-HF A-POWER-AP2304AGN-HF Datasheet
92Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2607AGY-HF A-POWER-AP2607AGY-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com