Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4007 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CD4007
Description  Dual Complementary Pair Plus Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4007 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CD4007 Datasheet HTML 1Page - Fairchild Semiconductor CD4007 Datasheet HTML 2Page - Fairchild Semiconductor CD4007 Datasheet HTML 3Page - Fairchild Semiconductor CD4007 Datasheet HTML 4Page - Fairchild Semiconductor CD4007 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: This device should not be connected to circuits with the power on
because high transient voltages may cause permanent damage.
DC Electrical Characteristics
AC Electrical Characteristics (Note 2)
TA = 25°C and CL = 15 pF and rise and fall times = 20 ns. Typical temperature coefficient for all values of VDD = 0.3%/°C
Note 2: AC Parameters are guaranteed by DC correlated testing.
Voltage at Any Pin
VSS −0.3V to VDD +0.3V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VDD Range
VSS +3.0V to VSS +15V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Limits
Symbol
Parameter
Conditions
−40°C
+25°C
+85°CUnits
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IL
Quiescent Device
VDD = 5.0V
0.5
0.005
0.05
15
µA
Current
VDD = 10V
1.0
0.005
1.0
30
µA
PD
Quiescent Device
VDD = 5.0V
2.5
0.025
2.5
75
µW
Dissipation Package
VDD = 10V
10
0.05
10
300
µW
VOL
Output Voltage
VDD = 5.0V
0.05
0
0.01
0.05
V
LOW Level
VDD = 10V
0.05
0
0.01
0.05
V
VOH
Output Voltage
VDD = 5.0V
4.95
4.95
5.0
4.95
V
HIGH Level
VDD = 10V
9.95
9.95
10
9.95
V
VNL
Noise Immunity
VDD = 5.0V, VO = 3.6V
1.5
2.25
1.5
1.4
V
(All inputs)
VDD = 10V, VO = 7.2V
3.0
4.5
3.0
2.9
V
VNH
Noise Immunity
VDD = 5.0V, VO = 0.95V
3.6
3.5
2.25
3.5
V
(All Inputs)
VDD = 10V, VO = 2.9V
7.1
7.0
4.5
7.0
V
IDN
Output Drive Current
VDD = 5.0V, VO = 0.4V, VI = VDD
0.35
0.3
1.0
0.24
mA
N-Channel
VDD = 10V, VO = 0.5V, VI = VDD
1.2
1.0
2.5
0.8
mA
IDP
Output Drive Current
VDD = 5.0V, VO = 2.5V, VI = VSS
−1.3
−1.1
−4.0
−0.9
mA
P-Channel
VDD = 10V, VO = 9.5V, VI = VSS
−0.65
−0.55 −2.5
−0.45
mA
II
Input Current
10
pA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH = tPHL
Propagation Delay Time
VDD = 5.0V
35
75
ns
VDD = 10V
20
50
ns
tTLH = tTHL
Transition Time
VDD = 5.0V
50
100
ns
VDD = 10V
30
50
ns
CI
Input Capacitance
Any Input
5
pF


Similar Part No. - CD4007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4007 TI-CD4007 Datasheet
238Kb / 11P
[Old version datasheet]   CMOS DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Intersil Corporation
CD4007 INTERSIL-CD4007 Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
logo
National Semiconductor ...
CD4007 NSC-CD4007 Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
List of Unclassifed Man...
CD4007 ETC2-CD4007 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
National Semiconductor ...
CD4007C NSC-CD4007C Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
More results

Similar Description - CD4007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com