Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3485EAR-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3485EAR-REEL7
Description  짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485EAR-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3485EAR-REEL7 Datasheet HTML 4Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 5Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 6Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 7Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 8Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 9Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 10Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 11Page - Analog Devices ADM3485EAR-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM3485E
Rev. D | Page 8 of 16
VOL
VCC
0V
3V
0.25V
IN
OUT
1.5V
1.5V
tPSL
tPLZ
VOM
D
OUT
CL = 50pF2
GENERATOR1
50
S1
0V OR 3V
VCC
RL = 110Ω
1PPR = 250kHz, 50% DUTY CYCLE, tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 9. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)
3V
0V
VCC
0V
IN
OUT
VOM
VOM
1.5V
1.5V
tRPHL
tRPLH
GENERATOR1
50
CL = 15pF2
R
1.5V
0V
VOM =
VCC
2
OUT
VID
1PPR = 250kHz, 50% DUTY CYCLE, tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 10. Receiver Propagation Delays
+3V
0V
VOH
0V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
+3V
0V
VCC
VOL
+3V
0V
VCC
VOL
+3V
0V
VOH
0V
+1.5V
+1.5V
+1.5V
IN
OUT
IN
OUT
IN
OUT
IN
OUT
tRPZL
tRPSL
tRPLZ
tRPHZ
+0.25V
+0.25V
+1.5V
+1.5V
+1.5V
tRPZH
tRPSH
R
GENERATOR1
50
CL2
S3
S1
S2
VCC
+1.5V
–1.5V
VID
1k
1PPR = 250kHz, 50% DUTY CYCLE, tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 11. Receiver Enable and Disable Times


Similar Part No. - ADM3485EAR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485EAR-REEL7 AD-ADM3485EAR-REEL7 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results

Similar Description - ADM3485EAR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
Rev 1 - April 2021
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com