Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC817-25WT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBC817-25WT3G
Description  General Purpose Transistors RoHS requirements.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC817-25WT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC817-25WT3G Datasheet HTML 1Page - Leshan Radio Company LBC817-25WT3G Datasheet HTML 2Page - Leshan Radio Company LBC817-25WT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
FE
(I C= 100 mA, V CE = 1.0 V)
160
400
Collector–Emitter Saturation Voltage
V CE(sat)
0.7
V
(I C = 500 mA, I B = 50 mA)
Base–Emitter On Voltage
V BE(on)
1.2
V
( I C = 500 mA, V CE = 1.0 V)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f
T
100
MHz
( I C = 10 mA, V CE = 5.0 V dc, f = 100 MHz)
Output Capacitance
C obo
—10
pF
(V CB = 10 V, f = 1.0 MHz)
ORDERING INFORMATION
Device
Marking
Shipping
LBC817-25WT1G
6B
3000/Tape&Reel
LBC817-25WT3G
6B
10000/Tape&Reel
LESHAN RADIO COMPANY, LTD.
DC Current Gain
h
LBC817-25WT1G
Rev.O 2/3


Similar Part No. - LBC817-25WT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC817-25WT1G LRC-LBC817-25WT1G_15 Datasheet
171Kb / 3P
   General Purpose Transistors
More results

Similar Description - LBC817-25WT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222LT1G LRC-LMBT2222LT1G Datasheet
243Kb / 6P
   General Purpose Transistors NPN Silicon RoHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBTA05LT1G LRC-LMBTA05LT1G_11 Datasheet
119Kb / 3P
   Driver Transistors RoHS requirements.
LMBTA06WT1G LRC-LMBTA06WT1G Datasheet
169Kb / 3P
   Driver Transistors RoHS requirements.
LMBTA13LT1G LRC-LMBTA13LT1G Datasheet
301Kb / 6P
   Darlington Amplifier Transistors RoHS requirements.
LMBTH10QLT1G LRC-LMBTH10QLT1G_11 Datasheet
210Kb / 5P
   VHF/UHF Transistors RoHS requirements.
LMBTH10WT1G LRC-LMBTH10WT1G_11 Datasheet
494Kb / 7P
   VHF/UHF Transistors RoHS requirements.
LMBT5551LT1G LRC-LMBT5551LT1G_11 Datasheet
135Kb / 5P
   High Voltage Transistors RoHS requirements.
LMBTH10LT1G LRC-LMBTH10LT1G Datasheet
209Kb / 5P
   VHF/UHF Transistors RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com