Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC817-16LT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBC817-16LT3G
Description  General Purpose Transistors NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC817-16LT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LBC817-16LT3G Datasheet HTML 1Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 2Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 3Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 4Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 5Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 6Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 7Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 8Page - Leshan Radio Company LBC817-16LT3G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LBC817-16LT1G LBC817-25LT1G LBC817-40LT1G
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS − LBC817−16LT1G
Figure 1. DC Current Gain vs. Collector
Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
300
1
0.1
0.01
0.001
0.01
0.1
1
Figure 3. Base Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
1.1
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 10
150°C
−55°C
25°C
0.4
0.9
IC/IB = 10
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
Rev.O 3/10


Similar Part No. - LBC817-16LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC817-16LT1 LRC-LBC817-16LT1 Datasheet
58Kb / 3P
   General Purpose Transistors NPN Silicon
LBC817-16LT1G LRC-LBC817-16LT1G Datasheet
58Kb / 3P
   General Purpose Transistors NPN Silicon
LBC817-16LT1G LRC-LBC817-16LT1G_15 Datasheet
296Kb / 10P
   General Purpose Transistors
More results

Similar Description - LBC817-16LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com