Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC807-16LT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LBC807-16LT1G
Description  General Purpose Transistors PNP Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC807-16LT1G Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LBC807-16LT1G_11 Datasheet HTML 2Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 3Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 4Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 5Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 6Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 7Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 8Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 9Page - Leshan Radio Company LBC807-16LT1G_11 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
LBC807-16LT1G,LBC807-25LT1G,LBC807-40LT1G
TYPICAL CHARACTERISTICS − LBC807−25LT1G
IB, BASE CURRENT (mA)
Figure 13. Saturation Region
100
10
1.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 14. Temperature Coefficients
+1.0
IC, COLLECTOR CURRENT
Figure 15. Capacitances
-0.1
-1.0
-1.0
-10
-100
-1000
-2.0
-1.0
0
-1.0
-0.8
-0.6
-0.4
-0.2
0
-0.01
-0.1
-10
-100
-1.0
-10
-100
TJ = 25°C
IC = -10 mA
IC = -100 mA
IC = -300 mA
IC =
-500 mA
qVC for VCE(sat)
qVB for VBE
Cob
Cib
Rev.O 6/10


Similar Part No. - LBC807-16LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC807-16LT1G LRC-LBC807-16LT1G_15 Datasheet
263Kb / 10P
   General Purpose Transistors
More results

Similar Description - LBC807-16LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com