Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BU806 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. BU806
Description  High Voltage & Fast Switching Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BU806 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BU806 Datasheet HTML 1Page - Fairchild Semiconductor BU806 Datasheet HTML 2Page - Fairchild Semiconductor BU806 Datasheet HTML 3Page - Fairchild Semiconductor BU806 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 3. Damper Diode
Figure 4. Safe Operating Area
Figure 5. Power Derating
0.1
1
10
10
100
1000
VCE = 1.5V
VCE = 5V
IC[A], COLLECTOR CURRENT
0.1
1
10
100
0.1
1
10
Ic = 100 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
10us
100us
BU806
1ms
BU807
IC MAX. (Pulse)
IC MAX. (DC)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
50
100
150
200
0
10
20
30
40
50
60
70
80
TC[
o
C], CASE TEMPERATURE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn