Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAT54CLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAT54CLT1G
Description  Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54CLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAT54CLT1G Datasheet HTML 1Page - Leshan Radio Company LBAT54CLT1G Datasheet HTML 2Page - Leshan Radio Company LBAT54CLT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
510
15
20
25
14
0
VR, REVERSE VOLTAGE (VOLTS)
12
4
2
0
510
15
30
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Total Capacitance
–40
°C
25
°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
0.6
–55
°C
150
°C
125
°C
100
1000
30
25
20
6
8
10
LBAT54CLT1G
LESHAN RADIO COMPANY, LTD.
Rev.A 2/3


Similar Part No. - LBAT54CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54CLT1G LRC-LBAT54CLT1G_15 Datasheet
180Kb / 3P
   Dual Series Schottky Barrier Diodes
More results

Similar Description - LBAT54CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54SLT1G LRC-LBAT54SLT1G_11 Datasheet
74Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CWT1G LRC-LBAT54CWT1G Datasheet
64Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54SWT1G LRC-LBAT54SWT1G_11 Datasheet
91Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54LT1G LRC-LBAT54LT1G_11 Datasheet
78Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54ALT1G LRC-LBAT54ALT1G_11 Datasheet
86Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54WT1G LRC-LBAT54WT1G_11 Datasheet
146Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54XV2T1G LRC-LBAT54XV2T1G Datasheet
150Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
logo
ON Semiconductor
BAT54XV2T1G ONSEMI-BAT54XV2T1G Datasheet
96Kb / 4P
   Schottky Barrier Diodes Extremely Fast Switching Speed
February, 2013 ??Rev. 8
BAS70LT1G ONSEMI-BAS70LT1G_11 Datasheet
131Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed Low Forward Voltage
November, 2011 ??Rev. 8
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com