Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIREFLY-TX16 Datasheet(PDF) 1 Page - RF Micro Devices

Part # FIREFLY-TX16
Description  VIPER Remote Control Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

FIREFLY-TX16 Datasheet(HTML) 1 Page - RF Micro Devices

  FIREFLY-TX16 Datasheet HTML 1Page - RF Micro Devices FIREFLY-TX16 Datasheet HTML 2Page - RF Micro Devices FIREFLY-TX16 Datasheet HTML 3Page - RF Micro Devices FIREFLY-TX16 Datasheet HTML 4Page - RF Micro Devices FIREFLY-TX16 Datasheet HTML 5Page - RF Micro Devices FIREFLY-TX16 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
DS VIPER-2
©2009 REG No 277 4001, Lewes, England. Page 1
Applications
Applications
Applications
Applications
General Purpose Remote Switching
Garage Doors
Electric Gates, Shutters
All known Lighting types (LED, fluorescent, halogen,
tungsten, xenon; basically all lighting types).
Access Control
433MHz FM Technology
1 – 4 Channels each 1000W Rated
upto 150metres Range
12-30Vdc / 230Vac supply
Waterproof (IP68)
High Security RF Protocol
4 Relays 5A @ 230Vac
Outputs Momentary or Latching
Any Switch Map to Any Relay
Output
Systems supplied ’ready to Go’
EMC / FCC Compliant for Europe /
USA
Description
Description
Description
Description
Housed in a rugged IP68 weatherproof enclosure, The VIPER system is ideally suited
to any outside Remote switch requirement.
Each receiver has 4 relays, using the ‘easy-learn’ process each relay can be controlled
from any switch on any transmitter.
Installation is by screw terminals to the power supply, and the output relay contacts.
The output relays are activated by the button press on the transmitter encoder.


Similar Part No. - FIREFLY-TX16

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FIREFLY-TX16 RFSOLUTIONS-FIREFLY-TX16 Datasheet
2Mb / 7P
   VIPER Remote Control Systems
More results

Similar Description - FIREFLY-TX16

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
   VIPER Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
   TRAP Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
   RADIO REMOTE CONTROL SYSTEMS
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
114C1-075FR6 RFSOLUTIONS-114C1-075FR6 Datasheet
61Kb / 4P
   TRAP REMOTE CONTROL SYSTEMS (SW ADDRESSING)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com