Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIREFLY-TX-IPKIT Datasheet(PDF) 6 Page - RF Micro Devices

Part # FIREFLY-TX-IPKIT
Description  VIPER Remote Control Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

FIREFLY-TX-IPKIT Datasheet(HTML) 6 Page - RF Micro Devices

  FIREFLY-TX-IPKIT Datasheet HTML 1Page - RF Micro Devices FIREFLY-TX-IPKIT Datasheet HTML 2Page - RF Micro Devices FIREFLY-TX-IPKIT Datasheet HTML 3Page - RF Micro Devices FIREFLY-TX-IPKIT Datasheet HTML 4Page - RF Micro Devices FIREFLY-TX-IPKIT Datasheet HTML 5Page - RF Micro Devices FIREFLY-TX-IPKIT Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
DS VIPER-2
©2009 REG No 277 4001, Lewes, England. Page 6
R F Solutions Ltd.,
R F Solutions Ltd.,
R F Solutions Ltd.,
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Lewes, E. Sussex. BN8 6JL. England.
Email :
Email :
Email :
Email : sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
http://www.rfsolutions.co.uk
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Fax: +44 (0)1273 480 661
Technical Specifications
Technical Specifications
Technical Specifications
Technical Specifications
Transmitters: FIREFLY
Transmitters: FIREFLY
Transmitters: FIREFLY
Transmitters: FIREFLY----TXn
TXn
TXn
TXn
Enclosure Rating:
Standard IPx8
Battery Type:
CR2032 (supplied)
Dimensions:
90 x 54 x 27 mm
Changing the Battery: Remove the six fixing screws, remove battery and replace note polarity
Receiver Decoder
Receiver Decoder
Receiver Decoder
Receiver Decoder
Enclosure Rating
IP68
Dimensions
130 x 112 x 42 mm (not including antenna)
Storage Temperature:
-10 to +70o Celsius.
Operating Temperature:
-10 to +50o Celsius.
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
3V
V
Supply Current
mA
Frequency:
FireFLY: Wideband
432.90
433.920
434.10
MHz
RF Output Power (ERP) @ 433 MHz
-
3
10
mW
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage for +12 v
10.5
30
Vdc
Relay Rating* (230Vac) RLY1-4
5
12
A
Supply Current :
Quiescent
All relays operating*
10
140
mA
Time delay from Tx on Switch to Rx Relay opera-
tion
100
mS
Time delay from Tx sw relax to Rx Relay release
300
MS


Similar Part No. - FIREFLY-TX-IPKIT

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FIREFLY-TX-IPKIT RFSOLUTIONS-FIREFLY-TX-IPKIT Datasheet
1Mb / 6P
   RADIO REMOTE CONTROL SYSTEMS
FIREFLY-TX-IPKIT RFSOLUTIONS-FIREFLY-TX-IPKIT Datasheet
1Mb / 6P
   FIRETRAP
FIREFLY-TX-IPKIT RFSOLUTIONS-FIREFLY-TX-IPKIT Datasheet
2Mb / 7P
   VIPER Remote Control Systems
More results

Similar Description - FIREFLY-TX-IPKIT

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
   VIPER Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
   TRAP Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
   RADIO REMOTE CONTROL SYSTEMS
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
114C1-075FR6 RFSOLUTIONS-114C1-075FR6 Datasheet
61Kb / 4P
   TRAP REMOTE CONTROL SYSTEMS (SW ADDRESSING)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com