Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SC4083PT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC4083PT3G
Description  High-Frequency Amplifier Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC4083PT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC4083PT3G Datasheet HTML 1Page - Leshan Radio Company L2SC4083PT3G Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Frequency Amplifier
Parameter
Symbol
VCBO
V
CEO
VEBO
I
C
P
C
T
T
stg
Limits
20
1
1
3
50
0.2
150
- 55~+150
Unit
V
V
V
mA
W
o
C
o
C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
Cob
rbb'·Cc
NF
20
1
1
3
56
1.4
3.2
0.
8
0.5
0.5
270
1.5
V
V
V
uA
uA
GHz
pF
IC
= 10µA
IC
= 1mA
IE
= 10µA
VCB
= 10V
VEB
= 2V
VCE(sat)
0.5
V
IC/IB
= 10mA/5mA
VCE/IC
= 10V/5mA
VCB
= 10V , IC = 10mA , f = 500MHz
VCB
= 10V , IE = 0A , f = 1MHz
VCB
= 10V , IC = 10mA , f = 31.8MHz
VCE
= 6V , IC = 2mA , f = 500MHz , Rg = 50Ω
3.5
dB
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Output capacitance
Collector-emitter saturation voltage
Collector-base time constant
Noise factor
j
Transistor
ps
4
12
L2SC4083NT1G
Device
Marking
Shipping
3000/Tape&Reel
L2SC4083NT3G
N01
10000/Tape&Reel
L2SC4083NT1G
N01
LESHAN RADIO COMPANY, LTD.
We declare that the material of product compliance with RoHS requirements.
Series
See Table
L2SC4083PT3G
L2SC4083QT3G
L2SC4083PT1G
L2SC4083QT1G
H01
H01
P01
P01
3000/Tape&Reel
3000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
Rank
N
P
Q
56-120
82-180
120-270
Ordering Information
Absolute maximum ratings
(Ta=25 oC)
Electrical characteristics
(Ta=25 oC)
CLASSIFICATION
OF
hFE
Range
SC-74
Rev.O 1/2


Similar Part No. - L2SC4083PT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC4083PT1G LRC-L2SC4083PT1G_15 Datasheet
519Kb / 2P
   High-Frequency Amplifier
More results

Similar Description - L2SC4083PT3G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
   High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
   High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
   High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
   High-frequency Amplifier Transistor
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4226QT1 LRC-L2SC4226QT1 Datasheet
151Kb / 5P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
L2SC3356WT1G LRC-L2SC3356WT1G Datasheet
151Kb / 4P
   High-Frequency Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com