Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS3150-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3150-Y
Description  Automotive power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3150-Y Datasheet HTML 1Page - STMicroelectronics STPS3150-Y Datasheet HTML 2Page - STMicroelectronics STPS3150-Y Datasheet HTML 3Page - STMicroelectronics STPS3150-Y Datasheet HTML 4Page - STMicroelectronics STPS3150-Y Datasheet HTML 5Page - STMicroelectronics STPS3150-Y Datasheet HTML 6Page - STMicroelectronics STPS3150-Y Datasheet HTML 7Page - STMicroelectronics STPS3150-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS3150-Y
4/7
Doc ID 018926 Rev 1
Figure 11.
Thermal resistance junction to ambient versus copper surface under each lead
Figure 9.
Forward voltage drop versus
forward current
Figure 10.
Forward voltage drop versus
forward current
I
(A)
FM
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(typical values)
j
T =125°C
(maximum values)
j
I
(A)
FM
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(typical values)
j
T =125°C
(maximum values)
j
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S (cm²)
Cu
Epoxy printed circuit board
FR4, copper thickness = 35 µm


Similar Part No. - STPS3150-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
April 2003 - Ed: 1A
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
115Kb / 10P
   Power Schottky rectifier
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
392Kb / 16P
   150 V, 3 A power Schottky rectifier
October 2019
STPS3150/U STMICROELECTRONICS-STPS3150/U Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
April 2003 - Ed: 1A
More results

Similar Description - STPS3150-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com