Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS3150-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3150-Y
Description  Automotive power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3150-Y Datasheet HTML 1Page - STMicroelectronics STPS3150-Y Datasheet HTML 2Page - STMicroelectronics STPS3150-Y Datasheet HTML 3Page - STMicroelectronics STPS3150-Y Datasheet HTML 4Page - STMicroelectronics STPS3150-Y Datasheet HTML 5Page - STMicroelectronics STPS3150-Y Datasheet HTML 6Page - STMicroelectronics STPS3150-Y Datasheet HTML 7Page - STMicroelectronics STPS3150-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2011
Doc ID 018926 Rev 1
1/7
7
STPS3150-Y
Automotive power Schottky rectifier
Features
AEC-Q101 qualified
Negligible switching losses
Low forward voltage drop for higher efficiency
and extented battery life
Low thermal resistance
ECOPACK®2 compliant component
Description
Packaged in SMB, this device is intended for use
in automotive applications where low drop forward
voltage is required to reduce power dissipation.
Table 1.
Device summary
Symbol
Value
IF(AV)
3 A
VRRM
150 V
Tj (max)
175 °C
VF (max)
0.67 V
K
A
SMB
STPS3150UY
www.st.com


Similar Part No. - STPS3150-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
April 2003 - Ed: 1A
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
115Kb / 10P
   Power Schottky rectifier
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
392Kb / 16P
   150 V, 3 A power Schottky rectifier
October 2019
STPS3150/U STMICROELECTRONICS-STPS3150/U Datasheet
60Kb / 5P
   POWER SCHOTTKY RECTIFIER
April 2003 - Ed: 1A
More results

Similar Description - STPS3150-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com