Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3002S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E3002S
Description  2C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E3002S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E3002S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E3002S
Date:
10/29/2007
Revision Level:
4
2C 22 7/30 BC FLEX FLEX
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG 7/30 Bare Copper
0.008” Wall FLEXGUARD*
0.015” Wall FLEXGUARD* - Natural
0.029” nom.
CAROL A (R) 22 AWG - - E3002S - - 75C E60233-8 60C (UL) CL3P --- C (UL) CMP - - MADE IN
USA (DATE CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
2C @ 4.00" LHL
0.090” nom.
0.045” nom.
0.120" +/- 0.006"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
75C
300V
14.8 Ohms/1000 ft nom
29.88 pF/ft @ 1kHz nom
68 Ohms @ 1MHz nom
National Electrical Code
Article 725
UL Standard 13
Type CL3P
National Electrical Code
Article 800
UL Standard 444
Type CMP
1
2
Black
Red
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - E3002S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E300 ETC2-E300 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
General Cable Technolog...
E3000S GENERAL-E3000S Datasheet
74Kb / 1P
   2C 22 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
logo
Energizer
E300116200 ENERGIZER-E300116200 Datasheet
193Kb / 1P
   Zinc-Manganese Dioxide No Added Mercury or Cadmium
E300116700 ENERGIZER-E300116700 Datasheet
3Mb / 1P
   Zinc-Manganese Dioxide No added mercury or cadmium
E300129700 ENERGIZER-E300129700 Datasheet
2Mb / 1P
   Zinc-manganese Dioxide No added mercury or cadmium
More results

Similar Description - E3002S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E2102S GENERAL-E2102S Datasheet
74Kb / 1P
   2C 22 7/30 BC FLEX OAS FLEX Sound, Alarm & Security Cable
E3000S GENERAL-E3000S Datasheet
74Kb / 1P
   2C 22 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
E3004S GENERAL-E3004S Datasheet
74Kb / 1P
   4C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E3010S GENERAL-E3010S Datasheet
74Kb / 1P
   10C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E3003S GENERAL-E3003S Datasheet
74Kb / 1P
   3C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E3006S GENERAL-E3006S Datasheet
74Kb / 1P
   6C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E3012S GENERAL-E3012S Datasheet
74Kb / 1P
   12C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E3008S GENERAL-E3008S Datasheet
74Kb / 1P
   8C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E2100S GENERAL-E2100S Datasheet
74Kb / 1P
   2C 22 SOLID BC FLEX OAS FLEX Sound, Alarm & Security Cable
E3022S GENERAL-E3022S Datasheet
73Kb / 1P
   2C 20 7/28 BC FLEX FLEX Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com