Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3001S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E3001S
Description  4C 22 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E3001S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E3001S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E3001S
Date:
10/29/2007
Revision Level:
3
4C 22 SOLID BC FLEX FLEX
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG Solid Bare Copper
0.007” Wall FLEXGUARD*
0.015” Wall FLEXGUARD* - Natural
0.025” nom.
CAROL A (R) 22 AWG - - E3001S - -75C E60233-8 (UL) CL3P --- C (UL) CMP - - MADE IN USA
(DATE CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
4C @ 4.00" LHL
0.094” nom.
0.039” nom.
0.124" +/- 0.006"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
75C
300V
16.2 Ohms/1000 ft nom
31.9 pF/ft @ 1kHz nom
63.7 Ohms @ 1MHz nom
National Electrical Code
Article 725
UL Standard 13
Type CL3P
National Electrical Code
Article 800
UL Standard 444
Type CMP
1
2
3
4
Black
Red
White
Green
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - E3001S

ManufacturerPart #DatasheetDescription
logo
Energizer
E300116200 ENERGIZER-E300116200 Datasheet
193Kb / 1P
   Zinc-Manganese Dioxide No Added Mercury or Cadmium
E300116700 ENERGIZER-E300116700 Datasheet
3Mb / 1P
   Zinc-Manganese Dioxide No added mercury or cadmium
E300129700 ENERGIZER-E300129700 Datasheet
2Mb / 1P
   Zinc-manganese Dioxide No added mercury or cadmium
E300129900 ENERGIZER-E300129900 Datasheet
2Mb / 1P
   Zinc-manganese Dioxide No added mercury or cadmium
E300171700 ENERGIZER-E300171700 Datasheet
226Kb / 1P
   Zinc-Manganese Dioxide No added mercury or cadmium
More results

Similar Description - E3001S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E3004S GENERAL-E3004S Datasheet
74Kb / 1P
   4C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E3000S GENERAL-E3000S Datasheet
74Kb / 1P
   2C 22 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
E2104S GENERAL-E2104S Datasheet
74Kb / 1P
   4C 22 7/30 BC FLEX OAS FLEX Sound, Alarm & Security Cable
E2100S GENERAL-E2100S Datasheet
74Kb / 1P
   2C 22 SOLID BC FLEX OAS FLEX Sound, Alarm & Security Cable
E3064S GENERAL-E3064S Datasheet
74Kb / 1P
   4C 12 19/0.0185 BC FLEX FLEX Sound, Alarm & Security Cable
E3024S GENERAL-E3024S Datasheet
74Kb / 1P
   4C 20 7/28 BC FLEX FLEX Sound, Alarm & Security Cable
E3034S GENERAL-E3034S Datasheet
74Kb / 1P
   4C 18 7/0.0152 BC FLEX FLEX Sound, Alarm & Security Cable
E3044S GENERAL-E3044S Datasheet
74Kb / 1P
   4C 16 19/0.0117 BC FLEX FLEX Sound, Alarm & Security Cable
E3030S GENERAL-E3030S Datasheet
74Kb / 1P
   2C 18 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
E2254S GENERAL-E2254S Datasheet
74Kb / 1P
   4C 14 19/0.0147 BC FLEX OAS FLEX Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com