Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SA1577QT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SA1577QT1G
Description  General Purpose Transistors PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA1577QT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SA1577QT1G Datasheet HTML 1Page - Leshan Radio Company L2SA1577QT1G Datasheet HTML 2Page - Leshan Radio Company L2SA1577QT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
DEVICE MARKING
L2SA1577PT1G =HP L2SA1577QT1G=HQ L2SA1577RT1G =HR
hFE values are classified as follows:
hFE
82~270
120~270
180~390
1
3
2
SC-70/SOT– 323
2
EMITTER
3
COLLECTOR
1
BASE
*
L2SA1577QT1G Series
ORDERING INFORMATION
Device
Package
Shipping
L2SA1577QT1G Series
3000/Tape & Reel
SC-70
10000/Tape & Reel
L2SA1577QT3G Series
SC-70
We declare that the material of product compliance with RoHS requirements.
F Absolute maximum ratings (Ta = 25_C)
F
F
P
Q
R
F
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector–Emitter Breakdown Voltage
V (BR)CEO
– 32
V
(IC = –1 mA)
Emitter–Base Breakdown Voltage
V (BR)EBO
– 5
V
(IE
µA)
Collector–Base Breakdown Voltage
V (BR)CBO
– 40
V
(IC = – 100
µA)
Collector Cutoff Current
I CBO
– 1
µA
(VCB = – 20 V)
Emitter cutoff current
I EBO
– 1
µA
(VEB = – 4 V)
Collector-emitter saturation voltage
V CE(sat)
-0.4
V
(IC/IB = – 100 mA / – 10m A)
DC current transfer ratio
h FE
82
––
390
––
(V CE = – 3 V, I C= –10mA)
Transition frequency
f T
200
––
MHz
(V CE = – 5 V, I E= 20mA, f=100MHz )
Output capacitance
C ob
7.0
pF
(V CB = – 10 V, I E= 0A, f =1MHz )
F
= – 100
F
Rev.O 1/3


Similar Part No. - L2SA1577QT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1577QT1G LRC-L2SA1577QT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results

Similar Description - L2SA1577QT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com