Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SA1037AKQLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SA1037AKQLT1G
Description  General Purpose Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA1037AKQLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SA1037AKQLT1G Datasheet HTML 1Page - Leshan Radio Company L2SA1037AKQLT1G Datasheet HTML 2Page - Leshan Radio Company L2SA1037AKQLT1G Datasheet HTML 3Page - Leshan Radio Company L2SA1037AKQLT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
T A = 100°C
25°C
– 40°C
–50
–20
–10
–50
–2
–1
–0.5
–0.2
–0.1
0
–0.4
–0.8
–1.2
–1.6
–2.0
T
A = 25°C
–10
–8
–6
–4
–2
0
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics( )
Fig.3 Grounded emitter output characteristics( )
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig.6 Collector-emitter saturation voltage vs.
collector current ( )
V
CE
= –10 V
V
BE , BASE TO EMITTER VOLTAGE(V)
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–35.0
–31.5
–28.0
–24.5
–21.0
–17.5
–14.0
–10.5
–7.0
–3.5
µA
I B =0
0
–1–2
–3
–4–5
T
A = 25°C
–100
–80
–60
–40
–20
0
V
CE , COLLECTOR TO EMITTER VOLTAGE (V)
–250
–200
–150
500
450
400
350
300
–100
–50
µA
I B =0
T A = 25°C
500
200
100
50
V
CE= –5 V
–3V
–1V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 100°C
500
200
100
50
V
CE= – 6V
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
25°C
–40°C
–1
–0.5
–0.2
–0.1
–0.05
I
C, COLLECTOR CURRENT (mA)
–0.2
–0.5
–1
–2
–5
–10
–20
–50
–100
T A = 25°C
I C /I B = 50
20
10
L2SA1037AKQLT1G Series
Rev.O 2/4


Similar Part No. - L2SA1037AKQLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1037AKQLT1G LRC-L2SA1037AKQLT1G Datasheet
143Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1037AKQLT1G LRC-L2SA1037AKQLT1G Datasheet
148Kb / 4P
   General Purpose Transistors
L2SA1037AKQLT1G LRC-L2SA1037AKQLT1G_15 Datasheet
148Kb / 4P
   S- Prefix for Automotive and Other Applications Requiring Unique Site
More results

Similar Description - L2SA1037AKQLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com