Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPW36 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BPW36
Description  HERMETIC SILICON PHOTOTRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BPW36 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BPW36 Datasheet HTML 1Page - Fairchild Semiconductor BPW36 Datasheet HTML 2Page - Fairchild Semiconductor BPW36 Datasheet HTML 3Page - Fairchild Semiconductor BPW36 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.040 (1.02)
0.100 (2.54)
0.050 (1.27)
45°
0.040 (1.02)
0.030 (0.76)
NOM
0.184 (4.67)
0.209 (5.31)
0.50 (12.7)
MIN
0.255 (6.48)
Collector
(Case)
Base
Emitter
Ø0.100 (2.54)
0.020 (0.51) 3X
1. Derate power dissipation linearly 3.00 mW/°C above 25°C ambient.
2. Derate power dissipation linearly 6.00 mW/°C above 25°C case.
3. RMA flux is recommended.
4. Methanol or isopropyl alcohols are recommended as cleaning
agents.
5. Soldering iron tip 1/16” (1.6mm) minimum from housing.
6. As long as leads are not under any stress or spring tension.
7. Light source is a GaAs LED emitting light at a peak wavelength of
940 nm.
PACKAGE DIMENSIONS
FEATURES
• Hermetically sealed package
• Narrow reception angle
• European “Pro Electron” registered
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-65 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
Soldering Temperature (Iron)(3,4,5 and 6)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(3,4 and 6)
TSOL-F
260 for 10 sec
°C
Collector-Emitter Voltage
VCEO
45
V
Collector-Base Voltage
VCBO
45
V
Emitter-Base Voltage
VEBO
5V
Power Dissipation (TA = 25°C)(1)
PD
300
mW
Power Dissipation (TC = 25°C)(2)
PD
600
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance of ± .010 (.25) on all non-nominal dimensions
unless otherwise specified.
BPW36/BPW37
HERMETIC SILICON PHOTOTRANSISTOR
DESCRIPTION
• The BPW36/37 are silicon phototransistors
mounted in narrow angle TO-18 packages.
E
C
B
SCHEMATIC
 2001 Fairchild Semiconductor Corporation
DS300279
3/13/01
1 OF 4
www.fairchildsemi.com


Similar Part No. - BPW36

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
BPW36 QT-BPW36 Datasheet
243Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
More results

Similar Description - BPW36

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
L14P1 QT-L14P1 Datasheet
257Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
L14P1 FAIRCHILD-L14P1 Datasheet
137Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
QT Optoelectronics
BPW36 QT-BPW36 Datasheet
243Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
L14N1 FAIRCHILD-L14N1 Datasheet
178Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
L14G1 FAIRCHILD-L14G1 Datasheet
130Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
QT Optoelectronics
L14G1 QT-L14G1 Datasheet
241Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
L14C1 QT-L14C1 Datasheet
242Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
L14C1 FAIRCHILD-L14C1 Datasheet
175Kb / 4P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
QT Optoelectronics
L14N QT-L14N Datasheet
249Kb / 3P
   HERMETIC SILICON PHOTOTRANSISTOR
logo
Skyworks Solutions Inc.
OLH1047 SKYWORKS-OLH1047 Datasheet
303Kb / 6P
   Phototransistor Hermetic Optocouplers
June 19, 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com