Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDW94 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # BDW94
Description  Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BDW94 Datasheet HTML 1Page - Fairchild Semiconductor BDW94 Datasheet HTML 2Page - Fairchild Semiconductor BDW94 Datasheet HTML 3Page - Fairchild Semiconductor BDW94 Datasheet HTML 4Page - Fairchild Semiconductor BDW94 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC Current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0.1
-1
-10
-100
100
1k
10k
100k
V
CE = -3V
I
C [A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.1
-1
-10
I
C= 250 IB
I
C [A], COLLECTOR CURRENT
-0.0
-0.8
-1.6
-2.4
-3.2
-4.0
-0
-4
-8
-12
-16
-20
V
CE= -3V
V
BE [V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
f=1MHz
I
E=0
V
CB [V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
BDW94C
BDW94B
BDW94A
BDW94
DC
I
C MAX.
5 ms 1 ms
100uS
V
CE [V], COLLECTOR EMITTER VOLTAGE
0
50
100
150
200
250
0
20
40
60
80
100
120
Tc [
o
C], CASE TEMPERATURE


Similar Part No. - BDW94

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDW94 MOSPEC-BDW94 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94 POINN-BDW94 Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDW94 TRSYS-BDW94 Datasheet
689Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
43Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Bourns Electronic Solut...
BDW94 BOURNS-BDW94 Datasheet
111Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BDW94

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com