Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

D35SB60 Datasheet(PDF) 3 Page - Leshan Radio Company

Part No. D35SB60
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

D35SB60 Datasheet(HTML) 3 Page - Leshan Radio Company

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
 
D35SB10 Thru D35SB100
3.
Marking Identification
Note:
生产日期码包含
4位数字,例如 “1040”,前两个数字“10” 表示为2010年,另外二个数字
“40” 是指第40周,即表示该产品为2010年40周生产。
型号: D
35
SB
100
bridge reverse voltage=1000V
mean:single -in-line bridge
average rectified forward Current=35A
mean:D series bridge
4. Dimension


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn