Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D25SB60 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # D25SB60
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

D25SB60 Datasheet(HTML) 3 Page - Leshan Radio Company

  D25SB60 Datasheet HTML 1Page - Leshan Radio Company D25SB60 Datasheet HTML 2Page - Leshan Radio Company D25SB60 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
 
D25SB10 Thru D25SB100
3.
Marking Identification
Note:
生产日期码包含
4位数字,例如 “1010”,前两个数字“10” 表示为2010年,另外二个数字
“18” 是指第18周,即表示该产品为2010年18周生产。
型号: D
25
SB
60
bridge reverse voltage=600V
mean:single -in-line bridge
average rectified forward Current=25A
mean:D series bridge
4. Dimension


Similar Part No. - D25SB60

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D25SB60 LRC-D25SB60 Datasheet
79Kb / 2P
   Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
SeCoS Halbleitertechnol...
D25SB60 SECOS-D25SB60 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D25SB60 DACHANG-D25SB60 Datasheet
183Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 25A
D25SB60 DACHANG-D25SB60 Datasheet
183Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Zibo Seno Electronic En...
D25SB60 ZSELEC-D25SB60 Datasheet
98Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - D25SB60

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D35SB10 LRC-D35SB10 Datasheet
293Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB152 LRC-DB152 Datasheet
197Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202 LRC-DB202 Datasheet
200Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com