Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD241C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BD241C
Description  Medium Power Linear and Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD241C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BD241C Datasheet HTML 1Page - Fairchild Semiconductor BD241C Datasheet HTML 2Page - Fairchild Semiconductor BD241C Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=350
µs, duty Cycle≤2% Pulsed
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
: BD241
: BD241A
: BD241B
: BD241C
45
60
80
100
V
V
V
V
VCER
Collector-Emitter Voltage
: BD241
: BD241A
: BD241B
: BD241C
55
70
90
115
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
3
A
ICP
*Collector Current (Pulse)
5
A
IB
Base Current
1
A
PC
Collector Dissipation (TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD241
: BD241A
: BD241B
: BD241C
IC = - 30mA, IB = 0
45
60
80
100
V
V
V
V
ICEO
Collector Cut-off Current
: BD241/A
: BD241B/C
VCE = 30V, IB = 0
VCE = 60V, IB = 0
0.3
0.3
mA
mA
ICES
Collector Cut-off Current
: BD241
: BD241A
: BD241B
: BD241C
VCE = 45V, VBE = 0
VCE = 60V, VBE = 0
VCE = 80V, VBE = 0
VCE = 100V, VBE = 0
0.2
0.2
0.2
0.2
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
VCE = 4V, IC = 1A
VCE = 4V, IC = 3A
25
10
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 3A, IB = 0.6A
1.2
V
VBE(on)
* Base-Emitter ON Voltage
VCE = 4V, IC = 3A
1.8
V
BD241/A/B/C
Medium Power Linear and Switching
Applications
• Complement to BD242/A/B/C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - BD241C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD241C MOSPEC-BD241C Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
Rectron Semiconductor
BD241C RECTRON-BD241C Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
BD241C MOTOROLA-BD241C Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD241C ONSEMI-BD241C Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
BD241C ONSEMI-BD241C Datasheet
108Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Similar Description - BD241C

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com