Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L12845EMI-10G Datasheet(PDF) 35 Page - Macronix International

Part # MX25L12845EMI-10G
Description  ??Serial Peripheral Interface compatible - Mode 0 and Mode 3
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L12845EMI-10G Datasheet(HTML) 35 Page - Macronix International

Back Button MX25L12845EMI-10G Datasheet HTML 31Page - Macronix International MX25L12845EMI-10G Datasheet HTML 32Page - Macronix International MX25L12845EMI-10G Datasheet HTML 33Page - Macronix International MX25L12845EMI-10G Datasheet HTML 34Page - Macronix International MX25L12845EMI-10G Datasheet HTML 35Page - Macronix International MX25L12845EMI-10G Datasheet HTML 36Page - Macronix International MX25L12845EMI-10G Datasheet HTML 37Page - Macronix International MX25L12845EMI-10G Datasheet HTML 38Page - Macronix International MX25L12845EMI-10G Datasheet HTML 39Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
35
MX25L12845E
P/N: PM1428
REV. 1.8, FEB. 10, 2012
(30) Read Block Lock Status (RDBLOCK)
This instruction is only effective after WPSEL was executed. The RDBLOCK instruction is for reading the status of
protection lock of a specified block(or sector), using A23-A16 (or A23-A12) address bits to assign a 64K bytes block (4K
bytes sector) and read protection lock status bit which the first byte of Read-out cycle. The status bit is"1" to indicate
that this block has be protected, that user can read only but cannot write/program /erase this block. The status bit is
"0" to indicate that this block hasn't be protected, and user can read and write this block.
The sequence of issuing RDBLOCK instruction is: CS# goes low → send RDBLOCK (3Ch) instruction → send 3 ad-
dress bytes to assign one block on SI pin → read block's protection lock status bit on SO pin → CS# goes high. (Please
refer to Figure 38)
(31) Gang Block Lock/Unlock (GBLK/GBULK)
These instructions are only effective after WPSEL was executed. The GBLK/GBULK instruction is for enable/disable
the lock protection block of the whole chip.
The WREN (Write Enable) instruction is required before issuing GBLK/GBULK instruction.
The sequence of issuing GBLK/GBULK instruction is: CS# goes low → send GBLK/GBULK (7Eh/98h) instruction →
CS# goes high. (Please refer to Figure 39)
The CS# must go high exactly at the byte boundary, otherwise, the instruction will be rejected and not be executed.
(32) Clear SR Fail Flags (CLSR)
The CLSR instruction is for resetting the Program/Erase Fail Flag bit of Security Register. It should be executed be-
fore program/erase another block during programming/erasing flow without read array data.
The sequence of issuing CLSR instruction is: CS# goes low → send CLSR instruction code → CS# goes high.
The CS# must go high exactly at the byte boundary; otherwise, the instruction will be rejected and not executed.


Similar Part No. - MX25L12845EMI-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12845EMI-10G MCNIX-MX25L12845EMI-10G Datasheet
3Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L12845EMI-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L4006EM1I-12G MCNIX-MX25L4006EM1I-12G Datasheet
1Mb / 52P
   Serial Peripheral Interface compatible --Mode 0 and Mode 3
logo
ATMEL Corporation
AT25020B-SSHL-T ATMEL-AT25020B-SSHL-T Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26F004 ATMEL-AT26F004_14 Datasheet
725Kb / 38P
   Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com