Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2000S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E2000S
Description  2C 22 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E2000S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E2000S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E2000S
Date:
10/29/2007
Revision Level:
5
2C 22 SOLID BC SR-PVC OAS PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG Solid Bare Copper
0.008” Wall Semi-Rigid Polyvinyl Chloride
0.015” Wall Polyvinyl Chloride – Gray
0.025” nom.
CAROL A (R) 22 AWG - - E2000S - - 75C E60233-8 (UL) CL3R --- C (UL) CMR - - MADE IN
USA (DATE CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
2C @ 2.00” LHL with mylar wrap
0.087" nom.
0.039” nom.
0.117" +/- 0.006"
AL / PE & # 22 Solid TC DW
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C
300V
10.1 Ohms/1000 ft nom
48.65 pF/ft @ 1kHz nom
39.6 Ohms @ 1MHz nom
3.9 Ohms/1000 ft nom
87.57 pF/ft @ 1kHz nom
National Electrical Code
Article 725
UL Standard 13
Type CL3R
National Electrical Code
Article 800
UL Standard 444
Type CMR
1
2
Black
Red
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - E2000S

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E2000 INTEL-E2000 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
List of Unclassifed Man...
E200001 ETC2-E200001 Datasheet
96Kb / 3P
   Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
E200002 ETC2-E200002 Datasheet
95Kb / 3P
   Accessories - DataTuff짰 Industrial Face Plate Single Gang 1-Port
More results

Similar Description - E2000S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E2030S GENERAL-E2030S Datasheet
73Kb / 1P
   2C 18 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2002S GENERAL-E2002S Datasheet
73Kb / 1P
   2C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E1030S GENERAL-E1030S Datasheet
73Kb / 1P
   2C 18 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
C4408 GENERAL-C4408 Datasheet
75Kb / 1P
   2C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
E2022S GENERAL-E2022S Datasheet
73Kb / 1P
   2C 20 7/28 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2062S GENERAL-E2062S Datasheet
73Kb / 1P
   2C 12 19/0.0185 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E1001S GENERAL-E1001S Datasheet
73Kb / 1P
   4C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
E2052S GENERAL-E2052S Datasheet
73Kb / 1P
   2C 14 19/0.0147 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E1002S GENERAL-E1002S Datasheet
73Kb / 1P
   2C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E2482S GENERAL-E2482S Datasheet
73Kb / 1P
   2C 22 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com