Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4439GMT-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4439GMT-HF
Description  Simple Drive Requirement, SO-8 Compatible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4439GMT-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4439GMT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4439GMT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4439GMT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4439GMT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
-30V
▼ SO-8 Compatible
RDS(ON)
10mΩ
▼ Lower Gate Charge
ID
-58A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
2.5
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
25
/W
Data and specifications subject to change without notice
201205211
1
AP4439GMT-HF
Rating
Halogen-Free Product
-30
+25
-18.5
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3, V
GS @ 10V
Continuous Drain Current (Chip), VGS @ 10V
-58
-55 to 150
Continuous Drain Current
3, V
GS @ 10V
-14.8
Pulsed Drain Current
1
-200
Storage Temperature Range
5
-55 to 150
Total Power Dissipation
50
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
AP4439 series are from Advanced Power innovated design and silicon
process technology to achieve the lowest possible on-resistance and fast
switching performance. It provides the designer with an extreme efficient
device for use in a wide range of power applications.
The PMPAK
® 5x6 package is special for voltage conversion application
using standard infrared reflow technique with the backside heat sink to
achieve the good thermal performance.
S
S
S
G
PMPAK
®
5x6
D
D
D
D
G
D
S


Similar Part No. - AP4439GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4439GMT-HF A-POWER-AP4439GMT-HF Datasheet
67Kb / 5P
   Simple Drive Requirement
AP4439GMT-HF A-POWER-AP4439GMT-HF Datasheet
103Kb / 4P
   Simple Drive Requirement
AP4439GMT-HF A-POWER-AP4439GMT-HF_14 Datasheet
103Kb / 4P
   Simple Drive Requirement
AP4439GMT-HF A-POWER-AP4439GMT-HF_16 Datasheet
67Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP4439GMT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GMT-HF A-POWER-AP2R803GMT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP4455GMT-HF A-POWER-AP4455GMT-HF Datasheet
95Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP83T03GMT-HF A-POWER-AP83T03GMT-HF Datasheet
63Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP4835GMT-HF A-POWER-AP4835GMT-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP85U03GMT-HF A-POWER-AP85U03GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP95U03GMT-HF A-POWER-AP95U03GMT-HF Datasheet
63Kb / 4P
   Simple Drive Requirement, SO-8 Compatible
AP0803GMT-HF A-POWER-AP0803GMT-HF Datasheet
160Kb / 5P
   Simple Drive Requirement, SO-8 Compatible
AP0203GMT-HF A-POWER-AP0203GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement SO-8 Compatible with Heatsink
AP73T03GMT-HF A-POWER-AP73T03GMT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
AP92U03GMT-HF A-POWER-AP92U03GMT-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com