Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML2803TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML2803TRPBF
Description  Generation V Technology, Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2803TRPBF Datasheet(HTML) 7 Page - International Rectifier

  IRLML2803TRPBF Datasheet HTML 1Page - International Rectifier IRLML2803TRPBF Datasheet HTML 2Page - International Rectifier IRLML2803TRPBF Datasheet HTML 3Page - International Rectifier IRLML2803TRPBF Datasheet HTML 4Page - International Rectifier IRLML2803TRPBF Datasheet HTML 5Page - International Rectifier IRLML2803TRPBF Datasheet HTML 6Page - International Rectifier IRLML2803TRPBF Datasheet HTML 7Page - International Rectifier IRLML2803TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLML2803
www.irf.com
7
Micro3 / SOT-23 Package Marking
A YW LC
PART NUMBER
Y = YEAR
W = WEEK
LOT
CODE
HALOGEN FREE
INDICATOR
PART NUMBER CODE REFERENCE:
A = IRLML2402
B =IRLML2803
C = IRLML2402
D = IRLML5103
E = IRLML6402
F = IRLML6401
G = IRLML2502
H = IRLML5203
Note: A line above the work week
(as shown here) indicates Lead-free
Micro3 (SOT-23 / TO-236AB) Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package
A
2001
A
27
W = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
W= (27-52) IF PRECEDED BY ALETT ER
Y
8
2008
3
2003
1
2001
YEAR
2002
2
5
2005
2004
4
2007
2006
7
6
2010
0
2009
9
YEAR
Y
C
03
WORK
WEEK
01
02
A
W
B
04
D
24
26
25
X
Z
Y
WORK
WEEK
W
K
H
G
F
E
D
C
B
2006
2003
2002
2005
2004
2008
2007
2010
2009
J
Y
51
29
28
30
C
B
D
50
X
52
Z
0.972
1.900
Recommended Footprint
0.802
0.950
2.742
Micro3 (SOT-23) (Lead-Free) Package Outline
Dimensions are shown in millimeters (inches)
e
E1
E
D
A
B
0.15 [0.006]
e1
1
2
3
M CB A
5
6
6
5
3X L
c
b
A1
3X
A
A2
A
B
C
M
0.20 [0.008]
0.10 [0.004] C
C
L2
H
4
L1
7
0.89
1.12
SYMBOL
MAX
MIN
A1
b
0.01
0.10
c
0.30
0.50
D
0.08
0.20
E
2.80
3.04
E1
2.10
2.64
e
1.20
1.40
A
0.95
BSC
L
0.40
0.60
08
MILLIMETERS
A2
0.88
1.02
e1
1.90
BSC
REF
0.54
L1
BSC
0.25
L2
 
BSC
!
REF
7T8Ã
&$
#
"$
INCHES
8
0
!#
 %
7T8
"&
$$
#&
 #
'"
 !
 
'
"
!
 !
#
0.0004
MIN
MAX
##
"$
DIMENSIONS
NOTES:
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER.
4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE.
5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H.
6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES
NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS
OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE.
7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE.
8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.


Similar Part No. - IRLML2803TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRLML2803TRPBF VBSEMI-IRLML2803TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRLML2803TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7314PBF IRF-IRF7314PBF Datasheet
201Kb / 7P
   Generation V Technology, Ultra Low On-Resistance
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
   Generation V Technology Ulrtra Low On-Resistance
IRLML2803GPBF IRF-IRLML2803GPBF_11 Datasheet
230Kb / 8P
   Generation V Technology, Ultra Low On-Resistance, N-Channel MOSFET
IRF7328PBF IRF-IRF7328PBF_10 Datasheet
175Kb / 8P
   Trench Technology Ultra Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFR48Z IRF-AUIRFR48Z Datasheet
298Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF2907ZS-7P IRF-AUIRF2907ZS-7P Datasheet
298Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com