Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPF7030T-6R8M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7030T-6R8M
Description  Shape & Dimensions / Recommended Solder Land Pattern
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7030T-6R8M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7030T-6R8M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.7
1.7
LPF7030 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
Rdc
(Max.)
Idc1
(Max.)
▼Electrical Characteristics
Ordering
Inductance
Freq.
DC Resistance(Ω) Rated DC current(A)
Code
L
(uH)
Tol.
(%)
F
(KHz)
Idc2
(Typ.)
LPF7030T-1R0N
1.0
±30
100
0.0084
8.3
5.3
LPF7030T-1R5N
1.5
LPF7030T-2R2M
2.2
±20
0.0230
LPF7030T-3R3M
LPF7030T-150M
15
0.1250
3.3
0.0120
6.5
4.9
5.7
4.4
LPF7030T-4R7M
4.7
0.0310
3.5
3.3
0.0280
4.4
4.0
2.8
LPF7030T-100M
10
0.0600
2.5
2.3
LPF7030T-6R8M
6.8
0.0450
3.0
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
Test Condition
LPF7030T-220M
22
0.1400
1.2
1.4
Test Equipments
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
-40 ~ +105℃ (Including self-generated heat)
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc1(The saturation current) : △L≤ 30% reduction from initial L value
. Idc2(The temperature rise): △T= 35℃ typical at rated DC current
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
Operating Temperature Range
4.6±0.1
1.2
3.8
2.0
7.0±0.2
H1R5
3.0±0.2
0.1
http://www.abco.co.kr
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.


Similar Part No. - LPF7030T-6R8M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7030T-6R8M ABCO-LPF7030T-6R8M Datasheet
451Kb / 1P
   SMD SHIELDED TYPE
More results

Similar Description - LPF7030T-6R8M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214 ABCO-LPS181214 Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com