Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1202BM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ACE1202BM
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1202BM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ACE1202BM Datasheet HTML 1Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 2Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 3Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 4Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 5Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 6Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 7Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 8Page - Fairchild Semiconductor ACE1202BM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
www.fairchildsemi.com
ACE1202 Product Family Rev. B.1
ACE1202 Product Family
Arithmetic Controller Engine (ACEx™)
for Low Power Applications
General Description
The ACE1202 (Arithmetic Controller Engine) family of
microcontrollers is a dedicated programmable monolithic inte-
grated circuit for applications requiring high performance, low
power, and small size. It is a fully static part fabricated using
CMOS technology.
The ACE1202 product family has an 8-bit microcontroller core, 64
bytes of RAM, 64 bytes of data EEPROM and 2K bytes of code
EEPROM. Its on-chip peripherals include a multi-function 16-bit
timer, watchdog/idle timer, and programmable undervoltage de-
tection circuitry. The on-chip clock and reset functions reduce the
number of required external components. The ACE1202 product
family is available in 8- and 14-pin SOIC and DIP packages.
Features
I Arithmetic Controller Engine
I 2K bytes on-board code EEPROM
I 64 bytes data EEPROM
I 64 bytes RAM
I Instruction set geared for block encryption
I Watchdog
I Multi-input wake-up on all I/O pins
I 16-bit multifunction timer with difference capture
I 12-bit idle timer
Block and Connection Diagram
PRELIMINARY
August 2001
I Hardware Bit - Coder (HBC) (ACE1202-2 only)
I On-chip oscillator
— No external components
— 1
µs instruction cycle time
I On-chip Power-on Reset
I Programmable read and write disable functions
I Memory mapped I/O
I Multilevel Low Voltage Detection
I Brown-out Reset
I Software selectable I/O option
— Push-pull outputs with tri-state option
Weak pull-up or high impedance
I Fully static CMOS
— Low power HALT mode (100nA @ 3.3V)
— Power saving IDLE mode
I Single supply operation
— 1.8-5.5V (P.N. ACE1202L)
— 2.2-5.5V (P.N. ACE1202, ACE12022)
— 2.7-5.5V (P.N. ACE1202B, ACE12022B)
I 40 years data retention
I 1,000,000 data changes
I 8 and 14-pin SOIC, 8 and 14-pin DIP packages. (CSP
package available upon request)
I In-circuit programming
VCC1
Power-on Reset
Brown-out Reset/Low
Battery Detect
ACE1202 core
(4 interrupt
sources
and vectors)
Programming Interface
2K bytes of Code
EEPROM
64 bytes of Data
EEPROM
64 bytes of RAM
12-bit Timer0 with
Watchdog Timer
16-bit Multi-function
Timer1 with Difference
Capture
HALT & IDLE Power
Saving Modes
GPORT
general
purpose
I/O with
multi-
input
wakeup
Internal Oscillator
GND1
RESET2
(CKO) G0
(CKI) G1
(T1/TX3) G2
G4
(TX3) G5
G62
G72
(Input only) G3
Hardware Bit-Coder3
© 2001 Fairchild Semiconductor Corporation
1. 100nf Decoupling capacitor recommended
2. Available only in the 14-pin package option
3. Available only on the ACE1202-2 device


Similar Part No. - ACE1202BM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1202BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com