Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2306CGTN-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2306CGTN-HF
Description  Capable of 2.5V Gate Drive, Lower On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2306CGTN-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2306CGTN-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2306CGTN-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2306CGTN-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2306CGTN-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP2306CGTN-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Maximum Continuous Drain Current
Fig 12. Gate Charge Waveform
v.s. Ambient Temperature
4
0
2
4
6
8
02468
10
12
14
16
18
Q G , Total Gate Charge (nC)
V DS =10V
V DS =12V
V DS =16V
I D =5A
0
200
400
600
800
1000
1
5
9
1317
2125
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
Rthja = 270℃/W
0.02
Q
VG
4.5V
QGS
QGD
QG
Charge
Operation in this area
limited by RDS(ON)
0
2
4
6
8
25
50
75
100
125
150
T A , Ambient Temperature (
o C )


Similar Part No. - AP2306CGTN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306CGTN-HF A-POWER-AP2306CGTN-HF_14 Datasheet
102Kb / 4P
   Surface Mount Package
More results

Similar Description - AP2306CGTN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306CGN-HF A-POWER-AP2306CGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower on-resistance
AP2314GN-HF A-POWER-AP2314GN-HF Datasheet
101Kb / 4P
   Capable of 2.5V gate drive, Lower on-resistance
AP2614GY-HF A-POWER-AP2614GY-HF Datasheet
58Kb / 4P
   Capable of 2.5V Gate Drive, Lower On-resistance
AP9620AGM-HF A-POWER-AP9620AGM-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Lower On-resistance
AP2451GY-HF A-POWER-AP2451GY-HF Datasheet
92Kb / 7P
   Capable of 2.5V Gate Drive, Lower on-resistance
AP2306GN-HF A-POWER-AP2306GN-HF Datasheet
105Kb / 4P
   Capable of 2.5V gate drive, Lower on-resistance
AP2426GEY-HF A-POWER-AP2426GEY-HF Datasheet
105Kb / 4P
   Capable of 2.5V Gate Drive, Lower on-resistance
AP4436GM A-POWER-AP4436GM Datasheet
183Kb / 5P
   Low on-resistance, Capable of 2.5V gate drive
AP9924AGO-HF A-POWER-AP9924AGO-HF Datasheet
101Kb / 4P
   Low on-resistance, Capable of 2.5V gate drive
AP4224LGM-HF A-POWER-AP4224LGM-HF Datasheet
80Kb / 2P
   Low On-Resistance, Capable of 2.5V Gate Drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com