Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MPC932 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MPC932
Description  LOW VOLTAGE PLL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPC932 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC932
TIMING SOLUTIONS
BR1333 — REV 5
3
MOTOROLA
Figure 1. Timing Diagram
Qn
SDn
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not
implied.
PLL INPUT REFERENCE CHARACTERISTICS (TA = 0 to 70°C)
Symbol
Characteristic
Min
Max
Unit
Condition
tr, tf
TCLK Input Rise/Falls
3.0
ns
fref
Reference Input Frequency
Note 1.
Note 1.
MHz
frefDC
Reference Input Duty Cycle
25
75
%
1. Maximum and Maximum input reference frequency is limited by the VCO lock range and the feedback divider.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
3.6
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA (Note 2.)
VOL
Output LOW Voltage
0.5
V
IOL = 20mA (Note 2.)
IIN
Input Current
±120
µA
Note 3.
ICC
Maximum Core Supply Current
100
mA
ICCPLL
Maximum PLL Supply Current
15
20
mA
CIN
4
pF
Cpd
25
pF
Per Output
2. The MPC932 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge (see Applications
Info section).
3. Inputs have pull–up/pull–down resistors which affect input current.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC992LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
IDT5V9351LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
MPC958LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC93R51LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
PI6C2952Low Voltage PLL Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
MPC950LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC9350LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC952LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC953LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc
MPC970LOW VOLTAGE PLL CLOCK DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn