Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC856B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC856B
Description  Switching and Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC856B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC856B Datasheet HTML 1Page - Fairchild Semiconductor BC856B Datasheet HTML 2Page - Fairchild Semiconductor BC856B Datasheet HTML 3Page - Fairchild Semiconductor BC856B Datasheet HTML 4Page - Fairchild Semiconductor BC856B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
hFE Classification
Marking Code
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800
Type
856A
856B
856C
857A
857B
857C
858A
858B
858C
Mark
9AA
9AB
9AC
9BA
9BB
9BC
9CA
9CB
9CC
Type
859A
859B
859C
860A
860B
860C
Mark
9DA
9DB
9DC
9EA
9EB
9EC


Similar Part No. - BC856B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Yea Shin Technology Co....
BC856B YEASHIN-BC856B Datasheet
922Kb / 7P
   General Purpose Transistors
logo
Pan Jit International I...
BC856B PANJIT-BC856B Datasheet
97Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
logo
FutureWafer Tech Co.,Lt...
BC856B FUTUREWAFER-BC856B Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
SeCoS Halbleitertechnol...
BC856B SECOS-BC856B Datasheet
263Kb / 3P
   BC856A
More results

Similar Description - BC856B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com